Electronic Components Datasheet Search
  English  ▼

X  

RF2L27015CG2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF2L27015CG2
Description  15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L27015CG2 Datasheet(HTML) 4 Page - STMicroelectronics

  RF2L27015CG2 Datasheet HTML 1Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 2Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 3Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 4Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 5Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 6Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 7Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 8Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
Typical performances
Table 6. Typical performance vs frequency (2620 to 2690 MHz)
f (MHz)
P1dB (dBm)
GPS @ P1dB (dB)
P3dB (dBm)
ηD @P3dB (%)
2620
42.4
18.7
43.1
52.4
2655
41.9
19
42.9
53.5
2690
41.4
18.9
42.3
53
Figure 1. Power gain and drain efficiency vs output power (2620 to 2690 MHz)
GADG150420211519GT
POUT (dbm)
2620 MHz
2655 MHz
2690 MHz
GPS
ηD
Note:
VDD = 28 V, IDQ = 110 mA, pulsed CW, pulse width = 10 μs, duty cycle = 12%.
RF2L27015CG2
Typical performances
DS13245 - Rev 3
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com