Electronic Components Datasheet Search
  English  ▼

X  

RF4L15400CB4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # RF4L15400CB4
Description  400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF4L15400CB4 Datasheet(HTML) 2 Page - STMicroelectronics

  RF4L15400CB4 Datasheet HTML 1Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 2Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 3Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 4Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 5Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 6Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 7Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 8Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings (TC = 25 °C)
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
90
V
VGS
Gate-source voltage
-8 to 10
V
VDD
Maximum operating voltage
42
V
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
200
°C
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC(1)
Thermal resistance, junction-to-case
0.21
°C/W
1. TC = 85 °C , POUT = 300 W CW, DC test.
Table 3. ESD protection
Symbol
Test methodology
Class
HBM
Human body model (according to ANSI/ESDA/JEDEC JS001-2017)
2
CDM
Charge device model (according to ANSI/ESDA/JEDEC JS002-2014)
C3
RF4L15400CB4
Electrical ratings
DS13645 - Rev 2
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com