Electronic Components Datasheet Search
  English  ▼

X  

RF5L051K5CB4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RF5L051K5CB4
Description  1500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L051K5CB4 Datasheet(HTML) 3 Page - STMicroelectronics

  RF5L051K5CB4 Datasheet HTML 1Page - STMicroelectronics RF5L051K5CB4 Datasheet HTML 2Page - STMicroelectronics RF5L051K5CB4 Datasheet HTML 3Page - STMicroelectronics RF5L051K5CB4 Datasheet HTML 4Page - STMicroelectronics RF5L051K5CB4 Datasheet HTML 5Page - STMicroelectronics RF5L051K5CB4 Datasheet HTML 6Page - STMicroelectronics RF5L051K5CB4 Datasheet HTML 7Page - STMicroelectronics RF5L051K5CB4 Datasheet HTML 8Page - STMicroelectronics RF5L051K5CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Electrical characteristics
Table 4. Static (per side)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 100 μA
110
V
IDSS
Zero gate voltage drain leakage
current
VGS = 0 V, VDS = 50 V
1
μA
VGS = 0 V, VDS = 90 V
1
IGSS
Gate-source leakage current
VGS = -8/10 V, VDS = 0 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = 50 V, ID = 600 µA
2.3
2.9
V
VGS(Q)
Gate quiescent voltage
VDS = 50 V, ID = 70 mA
3.05
V
VDS(on)
Static drain-source on-voltage
VGS = 10 V, ID = 5 A
450
mV
IDS(on)
Static drain-source on-current
VGS = 10 V, VDS = 100 mV
2.5
A
RDS(on)
Drain-source on-state resistance
VGS = 10 V, VDS = 100 mV
1
Ω
Ciss
Common source input
capacitance
VGS = 0 V, VDD = 50 V, f = 1 MHz
520
pF
Crss
Common source feedback
capacitance
1.4
pF
Coss
Common source output
capacitance
143
pF
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f
Frequency
500
MHz
POUT
Output power
f = 108 MHz, 3 dB compression
-
1500
W
GPS
Power gain
-
22
dB
ηD
Drain efficiency
-
80
%
VSWR
Load mismatch
POUT = 1500 W, all phases
-
10:1
Note:
VDD = 50 V, IDQ = 200 mA, pulsed CW, pulse width = 100 μs, duty cycle = 10%.
RF5L051K5CB4
Electrical characteristics
DS13742 - Rev 2
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com