Electronic Components Datasheet Search
  English  ▼

X  

RF5L052K0CB4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RF5L052K0CB4
Description  2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L052K0CB4 Datasheet(HTML) 1 Page - STMicroelectronics

  RF5L052K0CB4 Datasheet HTML 1Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 2Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 3Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 4Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 5Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 6Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 7Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 8Page - STMicroelectronics RF5L052K0CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
D4E
3
1
2
5
4
Pin connection
Pin
Connection
1
Drain A
2
Drain B
3
Source (bottom side)
4
Gate B
5
Gate A
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
RF5L052K0CB4
108 MHz
50 V
2000 W
19.5 dB
77%
•
High efficiency and linear gain operations
•
Integrated ESD protection
•
Large positive and negative gate-source voltage range for improved class C
operation
•
High breakdown voltage enable class E operation
•
On chip RC network enable high stability and ruggedness
•
Excellent thermal stability, low HCI drift
•
In compliance with the european directive 2002/95/EC
Applications
•
30-88 MHz/136-174 MHz ground communication
•
1.6-30 MHz HF transceiver
•
Plasma generator
•
Particle accelerator
•
FM and VHF TV broadcast
Description
The RF5L052K0CB4 is a 2000 W, 50 V, high performance, unmatched LDMOS FET,
designed for wideband commercial and industrial applications in the frequency range
from HF to 500 MHz. It can be used for both CW and pulse application. It is featured
for high power and high ruggedness, suitable for industrial, scientific and medical
application, as well as FM radio, VHF TV and aerospace applications.
Product status link
RF5L052K0CB4
Product summary
Order code
RF5L052K0CB4
Marking
5L052K0
Package
D4E
Packing
Tray
Base/bulk quantity
20/100
2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
RF5L052K0CB4
Datasheet
DS13743 - Rev 2 - October 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RF5L052K0CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF5L051K0CB4 STMICROELECTRONICS-RF5L051K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K4CB4 STMICROELECTRONICS-RF5L051K4CB4 Datasheet
1Mb / 12P
1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K5CB4 STMICROELECTRONICS-RF5L051K5CB4 Datasheet
1Mb / 12P
1500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L05500CB4 STMICROELECTRONICS-RF5L05500CB4 Datasheet
534Kb / 12P
500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
04-Oct-2021
RF5L05750CF2 STMICROELECTRONICS-RF5L05750CF2 Datasheet
1Mb / 12P
750 W, 50 V, HF to 500 MHz RF power LDMOS transistor
22-Dec-2021
More results

Similar Description - RF5L052K0CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF5L051K0CB4 STMICROELECTRONICS-RF5L051K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K4CB4 STMICROELECTRONICS-RF5L051K4CB4 Datasheet
1Mb / 12P
1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K5CB4 STMICROELECTRONICS-RF5L051K5CB4 Datasheet
1Mb / 12P
1500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L05500CB4 STMICROELECTRONICS-RF5L05500CB4 Datasheet
534Kb / 12P
500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
04-Oct-2021
RF5L05750CF2 STMICROELECTRONICS-RF5L05750CF2 Datasheet
1Mb / 12P
750 W, 50 V, HF to 500 MHz RF power LDMOS transistor
22-Dec-2021
RF5L05950CF2 STMICROELECTRONICS-RF5L05950CF2 Datasheet
726Kb / 12P
950 W, 50 V, HF to 500 MHz RF power LDMOS transistor
23-Dec-2021
RF5L0912750CB4 STMICROELECTRONICS-RF5L0912750CB4 Datasheet
1Mb / 13P
750 W, 50 V, 960 to 1215 MHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
26-Sep-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com