Electronic Components Datasheet Search
  English  ▼

X  

RF5L15120CB4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RF5L15120CB4
Description  120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L15120CB4 Datasheet(HTML) 3 Page - STMicroelectronics

  RF5L15120CB4 Datasheet HTML 1Page - STMicroelectronics RF5L15120CB4 Datasheet HTML 2Page - STMicroelectronics RF5L15120CB4 Datasheet HTML 3Page - STMicroelectronics RF5L15120CB4 Datasheet HTML 4Page - STMicroelectronics RF5L15120CB4 Datasheet HTML 5Page - STMicroelectronics RF5L15120CB4 Datasheet HTML 6Page - STMicroelectronics RF5L15120CB4 Datasheet HTML 7Page - STMicroelectronics RF5L15120CB4 Datasheet HTML 8Page - STMicroelectronics RF5L15120CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
Electrical characteristics
2.1
Static
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, IDS = 0.5 mA
95
V
IDSS
Zero gate voltage drain leakage
current
VGS = 0 V, VDS = 90 V
1
μA
VGS = 0 V, VDS = 50 V
IGSS
Gate-source leakage current
VGS = 10 V, VDS = 0 V
100
nA
VGS = -8 V, VDS = 0 V
VGS(th)
Gate threshold voltage
VDS = 50 V, IDS = 600 µA
2
2.8
V
VGS(Q)
Gate quiescent voltage
VDS = 50 V, IDS = 400 mA
2
6
V
VDS(on)
Static drain-source on-voltage
VGS = 10 V, IDS = 2 A
1.2
V
IDS(on)
Static drain-source on-current
VGS = 10 V, VDS = 100 mV
2.5
A
RDS(on)
Drain-source on-state resistance
VGS = 10 V, VDS = 100 mV
1
Ω
CISS
Common source input capacitance
VGS = 0 V, VDD = 50 V,
f = 1 MHz
56
pF
CRSS
Common source feedback
capacitance
0.6
pF
COSS
Common source output
capacitance
23
pF
2.2
Dynamic
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f
Frequency
1500
MHz
POUT
Output power
f = 1000 MHz, at 1dB compression
point, pulsed CW
120
W
GPS
Power gain
20
dB
ηD
Drain efficiency
60
%
VSWR
Load mismatch
At 120 W pulsed CW output
power, all phase angles
10:1
Note:
VDD = 50 V, IDQ = 100 mA, pulse width = 100 μs, duty cycle = 10%.
RF5L15120CB4
Electrical characteristics
DS13384 - Rev 1
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com