Electronic Components Datasheet Search
  English  ▼

X  

ST50V10100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST50V10100
Description  RF Power LDMOS transistor for frequencies up to 1.5 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST50V10100 Datasheet(HTML) 2 Page - STMicroelectronics

  ST50V10100 Datasheet HTML 1Page - STMicroelectronics ST50V10100 Datasheet HTML 2Page - STMicroelectronics ST50V10100 Datasheet HTML 3Page - STMicroelectronics ST50V10100 Datasheet HTML 4Page - STMicroelectronics ST50V10100 Datasheet HTML 5Page - STMicroelectronics ST50V10100 Datasheet HTML 6Page - STMicroelectronics ST50V10100 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
BVDSS
Drain-source voltage
110
V
VGS
Gate-source voltage
-8 / +10
V
ID
Drain current
18
A
TSTG
Storage temperature range
-65 to +150
°C
TJ
Junction temperature
+200
°C
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case, TCASE = +85 °C, POUT=100 W
0.75
°C/W
Table 3. ESD protection
Symbol
Parameter
Class
HBM
Human body model (per JESD22-A114)
2
ST50V10100
Electrical ratings
DS12763 - Rev 2
page 2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com