Electronic Components Datasheet Search
  English  ▼

X  

STAC1011-500 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STAC1011-500
Description  500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC1011-500 Datasheet(HTML) 3 Page - STMicroelectronics

  STAC1011-500 Datasheet HTML 1Page - STMicroelectronics STAC1011-500 Datasheet HTML 2Page - STMicroelectronics STAC1011-500 Datasheet HTML 3Page - STMicroelectronics STAC1011-500 Datasheet HTML 4Page - STMicroelectronics STAC1011-500 Datasheet HTML 5Page - STMicroelectronics STAC1011-500 Datasheet HTML 6Page - STMicroelectronics STAC1011-500 Datasheet HTML 7Page - STMicroelectronics STAC1011-500 Datasheet HTML 8Page - STMicroelectronics STAC1011-500 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4. Static (per side)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 100 µA
110
V
IDSS
Zero-gate voltage drain current
VGS = 0 V, VDS = 50 V
1
μA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = 6 V
1
μA
VGS(th)
Gate threshold voltage
VDS = 50 V, ID = 50 mA
1.0
3.0
V
VDS(on)
Static drain-source on-voltage
VGS = 10 V, ID = 5 A
1.4
V
CISS
Common source input capacitance
VGS = 0 V, VDD = 50 V,
FREQ = 1 MHz
TBD
pF
CRSS
Common source feedback
capacitance
2
pF
COSS
Common source output
capacitance
44
pF
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POUT
Output power
VDD = 50 V, IDQ = 0.02 A, Pin = 14 W,
FREQ = 1030 to 1090 MHz
-
500
-
W
Gain
Power gain
-
16
-
dB
Efficiency
Drain efficiency
-
59
-
%
IMD3
3rd order intermodulation
-
TBD
-
dBc
VSWR
Load mismatch
POUT = 500 W, all phases
-
10:1
-
Table 6. Impedance data
Frequency (in MHz)
Input impedance (ZIN)
Drain load impedance (ZDL)
1030
1.527 + 1.687
1.451 - 0.115
1060
1.376 + 1.128
1.436 - 0.186
1090
1.266 - 0.570
1.389 - 0.256
STAC1011-500
Electrical characteristics
DS12758 - Rev 3
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com