Electronic Components Datasheet Search
  English  ▼

X  

STAC1214-350 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STAC1214-350
Description  350 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC1214-350 Datasheet(HTML) 3 Page - STMicroelectronics

  STAC1214-350 Datasheet HTML 1Page - STMicroelectronics STAC1214-350 Datasheet HTML 2Page - STMicroelectronics STAC1214-350 Datasheet HTML 3Page - STMicroelectronics STAC1214-350 Datasheet HTML 4Page - STMicroelectronics STAC1214-350 Datasheet HTML 5Page - STMicroelectronics STAC1214-350 Datasheet HTML 6Page - STMicroelectronics STAC1214-350 Datasheet HTML 7Page - STMicroelectronics STAC1214-350 Datasheet HTML 8Page - STMicroelectronics STAC1214-350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4. Static (per side)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 100 µA
115
V
IDSS
Zero-gate voltage drain current
VGS = 0 V, VDS = 50 V
1
μA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = 6 V
1
μA
VGS(th)
Gate threshold voltage
VDS = 50 V, ID = 50 mA
2.9
V
VDS(on)
Static drain-source on-voltage
VGS = 10 V, ID = 5 A
2.3
V
CRSS
Common source feedback
capacitance
VGS = 0 V, VDD = 50 V,
f = 1 MHz
2
pF
COSS
Common source output
capacitance
44
pF
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f
Frequency
Pin = 14 W, f = 1300 MHz
1200
-
1400
MHz
POUT
Output power
-
350
-
W
Gain
Power gain
-
14
-
dB
Efficiency
Drain efficiency
-
55
-
%
VSWR
Load mismatch
POUT = 350 W, all phases
-
-
10:1
Table 6. Impedance data
Frequency (in MHz)
Input impedance (ZIN)
Drain load impedance (ZDL)
1200
0.12-0.72
3.07+1.82
1300
0.17-0.96
3.18+0.97
1400
0.28-1.3
2.81+0.35
Note:
VDD = 50 V, IDQ = 30 mA, pulsed CW, PW = 10 µs, DC = 1%.
STAC1214-350
Electrical characteristics
DS12756 - Rev 2
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com