Electronic Components Datasheet Search
  English  ▼

X  

MBRS3200T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRS3200T3
Description  Surface Mount Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3200T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MBRS3200T3 Datasheet HTML 1Page - ON Semiconductor MBRS3200T3 Datasheet HTML 2Page - ON Semiconductor MBRS3200T3 Datasheet HTML 3Page - ON Semiconductor MBRS3200T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRS3200T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 1)
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJL
RqJA
13
62
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 3)
(IF = 3.0 A, TJ = 25°C)
(IF = 4.0 A, TJ = 25°C)
(IF = 3.0 A, TJ = 150°C)
VF
0.84
0.86
0.59
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 150°C)
IR
1.0
5.0
mA
mA
1. Minimum pad size (0.108
× 0.085 inch) for each lead on FR4 board.
2. 1 inch square pad size (1
× 0.5 inch) for each lead on FR4 board.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
100
1
0.1
1
0.2 0.3
0.4
0.5
0.6
0.7
VF, INSTANTANEOUS VOLTAGE (V)
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
10
0.8
0.9
1.1
1.2
TC = 25°C
TC = 150°C
TC = 100°C
100
1
0.1
1
0.2 0.3
0.4
0.5
0.6
0.7
VF, INSTANTANEOUS VOLTAGE (V)
10
0.8
0.9
1.1
1.2
TC = 25°C
TC = 150°C
TC = 100°C
1.0E−09
160
0
20
40
60
80
100
VR, REVERSE VOLTAGE (V)
Figure 3. Typical Reverse Current
120 140
180 200
TC = 25°C
TC = 150°C
TC = 100°C
1.0E−08
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−06
160
0
20
40
60
80
100
VR, REVERSE VOLTAGE (V)
Figure 4. Maximum Reverse Current
120 140
180 200
TC = 25°C
TC = 150°C
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com