Electronic Components Datasheet Search
  English  ▼

X  

PAL16L8 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # PAL16L8
Description  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16L8 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button PAL16L8 Datasheet HTML 13Page - Advanced Micro Devices PAL16L8 Datasheet HTML 14Page - Advanced Micro Devices PAL16L8 Datasheet HTML 15Page - Advanced Micro Devices PAL16L8 Datasheet HTML 16Page - Advanced Micro Devices PAL16L8 Datasheet HTML 17Page - Advanced Micro Devices PAL16L8 Datasheet HTML 18Page - Advanced Micro Devices PAL16L8 Datasheet HTML 19Page - Advanced Micro Devices PAL16L8 Datasheet HTML 20Page - Advanced Micro Devices PAL16L8 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AMD
2-19
PAL16R8D/2 (Com’l)
CAPACITANCE (Note 1)
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V
5
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
8
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
TA = 25
°C
pF
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter
Min
Symbol
Parameter Description
(Note 3)
Max
Unit
tPD
Input or Feedback to Combinatorial Output
16L8, 16R6,
3
10
ns
16R4
tS
Setup Time from Input or Feedback to Clock
10
ns
tH
Hold Time
0ns
tCO
Clock to Output
3
7
ns
tWL
Clock Width
LOW
8
ns
tWH
HIGH
16R8, 16R6,
8
ns
External Feedback
1/(tS + tCO)
16R4
58.8
MHz
fMAX
Internal Feedback
1/(tS + tCF)
60
MHz
(fCNT)
(Note 5)
No Feedback
1/(tWH + tWL)
62.5
MHz
tPZX
OE to Output Enable
2
10
ns
tPXZ
OE to Output Disable
2
10
ns
tEA
Input to Output Enable Using Product Term Control
16L8, 16R6,
3
10
ns
tER
Input to Output Disable Using Product Term Control
16R4
3
10
ns
Maximum
Frequency
(Note 4)
Notes:
2. See Switching Test Circuit for test conditions.
3. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improve-
ments may alter these values; therefore, minimum values are recommended for simulation purposes only.
4. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where the frequency may be affected.
5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com