Electronic Components Datasheet Search
  English  ▼

X  

PAL16L82 Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # PAL16L82
Description  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16L82 Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button PAL16L82 Datasheet HTML 19Page - Advanced Micro Devices PAL16L82 Datasheet HTML 20Page - Advanced Micro Devices PAL16L82 Datasheet HTML 21Page - Advanced Micro Devices PAL16L82 Datasheet HTML 22Page - Advanced Micro Devices PAL16L82 Datasheet HTML 23Page - Advanced Micro Devices PAL16L82 Datasheet HTML 24Page - Advanced Micro Devices PAL16L82 Datasheet HTML 25Page - Advanced Micro Devices PAL16L82 Datasheet HTML 26Page - Advanced Micro Devices PAL16L82 Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AMD
2-25
PAL16R8A (Com’l)
CAPACITANCE (Note 1)
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V
7
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
7
TA = 25
°C
pF
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter
Symbol
Parameter Description
Min
Max
Unit
tPD
Input or Feedback to Combinatorial Output
16L8, 16R6,
25
ns
16R4
tS
Setup Time from Input or Feedback to Clock
25
ns
tH
Hold Time
0ns
tCO
Clock to Output
15
ns
tWL
Clock Width
LOW
15
ns
tWH
HIGH
15
ns
External Feedback
1/(tS + tCO)
25
MHz
fMAX
Internal Feedback
1/(tS + tCF)
28.5
MHz
(fCNT)
(Note 5)
No Feedback
1/(tWH + tWL)
33
MHz
tPZX
OE to Output Enable
20
ns
tPXZ
OE to Output Disable
20
ns
tEA
Input to Output Enable Using Product Term Control
25
ns
tER
Input to Output Disable Using Product Term Control
25
ns
Maximum
Frequency
(Note 4)
16R8, 16R6,
16R4
16R8, 16R6,
16R4
Notes:
2. See Switching Test Circuit for test conditions.
3. Calculated from measured fMAX internal.
4. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where frequency may be affected.
5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com