Electronic Components Datasheet Search
  English  ▼

X  

SOGC03 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # SOGC03
Description  Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

SOGC03 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  SOGC03 Datasheet HTML 1Page - Vaishali Semiconductor SOGC03 Datasheet HTML 2Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
119
SOGC 01, 03, 05
Vishay Dale
Document Number: 31506
Revision 01-Aug-02
For Technical Questions, contact: ff2aresistors@vishay.com
TEST
MAX.
∆R
(Typical Test Lots)
Power Conditioning
± 0.50% ∆R
Thermal Shock
± 0.50% ∆R
Short Time Overload
± 0.25% ∆R
Low Temperature Operation
± 0.25% ∆R
Moisture Resistance
± 0.50% ∆R
Resistance to Soldering Heat
± 0.25% ∆R
Shock
± 0.25% ∆R
Vibration
± 0.25% ∆R
Load Life
± 0.50% ∆R
Terminal Strength
± 0.25% ∆R
Insulation Resistance
10,000 Megohm (minimum)
Dielectric Withstanding Voltage
No evidence of arcing or damage
(200 V RMS for 1 minute)
PERFORMANCE
A
0.045 [1.14]
Ref.
0.018 [0.457] Typ.
0.050 [1.27]
Non-Accum. Typ.
0.006 [0.152] Max. Typ.
0.295
[7.49]
0.010
± .005
[0.254
± 0.127]
0.406
± 0.012
[10.31
± 0.305]
0.105
[2.67]
0.100 [2.54]
0.028
± 0.010
[0.711
± 0.254] Typ.
0.008
[0.203]
SOGC-16
SOGC-20
0.440 [11.18]
0.540 [13.72]
0.350 [8.89]
0.450 [11.43]
B
MODEL
B
0.045
[1.14]
A
DIMENSIONS in inches [millimeters]
Thick Film Resistor Networks, Small Outlline, Molded, DIP
Ambient Temperature
°C
- 50
0
+ 25
+ 70
+ 125
+ 150
2.0
1.6
1.0
0.19
0.10
Single Resistor
SOGC-xx03
SOGC-xx01 & 05
SOGC-2001, 03, 05 Pkg.
SOGC-1601, 03, 05 Pkg.
Derating
8 or 10 isolated resistors
The SOGC-xx03 circuit provides a choice of 8 or 10 nominally equal resistors with
each resistor isolated from all others and wired directly across. Commonly used in
the following applications:
• "Wired OR" Pull-up
• Long-line Impedance Balancing
• Power Driven Pull-up
• LED Current Limiting
• Powergate Pull-up
• ECL Output Pull-down
• Line Termination
• TTL Input Pull-down
TTL dual-line terminator; pulse squaring, 14 or 18 pairs of resistors
(R
1 Resistors are common to leads 16 or 20)
(R
2 Resistors are common to leads 8 or 10)
The SOGC-xx05 circuit contains 14 or 18 pairs of resistors. Each pair is connected
between ground and a common line. The junctions of these resistor pairs are
connected to the input leads.
The 05 circuits are designed for TTL dual-line termination and pulse squaring.
SOGC-16, SOGC-20
Pin 1
15 or 19 resistors with one pin common
The SOGC-xx01 circuit provides a choice of 15 or 19 nominally equal resistors,
each connected between a common lead (16 or 20) and a discrete PC board pin.
Commonly used in the following applications:
• MOS/ROM Pull-up/Pull-down
• TTL Input Pull-down
• Open Collector Pull-up
• Digital Pulse Squaring
• "Wired OR" Pull-up
• TTL Unused Gate Pull-up
• Power Driven Pull-up
• High Speed Parallels Pull-up
CIRCUIT APPLICATIONS
Pin 1
SOGC-16
SOGC-20
01 Schematic
03 Schematic
05 Schematic
R1
R1
R1
R1
R2
R2
R2
R2
R1
R1
R1
R2
R2
R2
R2
R2
R2
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
SOGC-16
SOGC-20
Pin 1
Pin 1
SOGC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com