Electronic Components Datasheet Search
  English  ▼

X  

PAL16L8-52PC Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # PAL16L8-52PC
Description  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16L8-52PC Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button PAL16L8-52PC Datasheet HTML 23Page - Advanced Micro Devices PAL16L8-52PC Datasheet HTML 24Page - Advanced Micro Devices PAL16L8-52PC Datasheet HTML 25Page - Advanced Micro Devices PAL16L8-52PC Datasheet HTML 26Page - Advanced Micro Devices PAL16L8-52PC Datasheet HTML 27Page - Advanced Micro Devices PAL16L8-52PC Datasheet HTML 28Page - Advanced Micro Devices PAL16L8-52PC Datasheet HTML 29Page - Advanced Micro Devices PAL16L8-52PC Datasheet HTML 30Page - Advanced Micro Devices PAL16L8-52PC Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AMD
2-29
PAL16R8 Family
KEY TO SWITCHING WAVEFORMS
KS000010-PAL
Must be
Steady
May
Change
from H to L
May
Change
from L to H
Does Not
Apply
Don’t Care,
Any Change
Permitted
Will be
Steady
Will be
Changing
from H to L
Will be
Changing
from L to H
Changing,
State
Unknown
Center
Line is High-
Impedance
“Off” State
WAVEFORM
INPUTS
OUTPUTS
SWITCHING TEST CIRCUIT
CL
Output
R1
R2
S1
Test Point
5 V
16492D-18
Measured
Specification
S1
CL
R1
R2
Output Value
tPD, tCO
Closed
All but B-4:
All but B-4:
1.5 V
tPZX, tEA
Z
→ H: Open
50 pF
200
Ω
390
Ω
1.5 V
Z
→ L: Closed
tPXZ, tER
H
→ Z: Open
5 pF
B-4:
B-4:
H
→ Z: VOH – 0.5 V
L
→ Z: Closed
800
Ω
1.56 k
Ω
L
→ Z: VOL + 0.5 V
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com