Electronic Components Datasheet Search
  English  ▼

X  

TMC2074 Datasheet(PDF) 39 Page - SMSC Corporation

Part # TMC2074
Description  Dual Mode CircLink??Controller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2074 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button TMC2074 Datasheet HTML 35Page - SMSC Corporation TMC2074 Datasheet HTML 36Page - SMSC Corporation TMC2074 Datasheet HTML 37Page - SMSC Corporation TMC2074 Datasheet HTML 38Page - SMSC Corporation TMC2074 Datasheet HTML 39Page - SMSC Corporation TMC2074 Datasheet HTML 40Page - SMSC Corporation TMC2074 Datasheet HTML 41Page - SMSC Corporation TMC2074 Datasheet HTML 42Page - SMSC Corporation TMC2074 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
Dual Mode CircLink™ Controller
Datasheet
SMSC TMC2074
Page 39
Revision 0.1 (03-29-06)
DATASHEET
2.8.2
TX Control from CPU in Remote Buffer Mode
(MODE REGISTER: TXM = 1)
CircLink can be treated as a simple data buffer so that the system CPU can write data to the CircLink at
any time.
(NID=n)
CPU Side
TMC2074/72
LAN Side
1 Write Hader
2 Write Data
3 Tramsmit Command
TA = 1->0
……
…
……
…
Start Transmit
Token[DID=n]
(FBE)
(ACK)
PAC
End Transmit
(ACK)
Keep of TA = 0 (*1)
Token[DID=n+1]
……
…
4 Write Data
4 Write Data
4 Write Data
……
…
5 repeatedly
repeatedly
( ):Not done for broadcast transmission
Automatic transmit at
each time of the
receive of self Token
NOTE:
When DID is set to 00h, it becomes the broadcast packet.
(*1)
If the RTO bit is 0 in the mode register, CircLink continues sending packets with a single TX CMD. The TA
bit that represents TX end, continues to be 0 unless RTO is set to 1 (constant TX status).
If the RTO bit is 1, the TA bit returns to 1 after each packet is transmitted, as in Free Format mode. TX
CMD must be issued every time but this does not significantly increase traffic on the network, making it
suitable for applications such as handling sensor information that remains fairly constant.
2.9
Receive in Peripheral Mode
CircLink receives all packet data on the network. After receiving a packet without any errors, CircLink
stores the packets in the relevant page in RAM according to the source ID (SID) included in the packet.
Receiving the data packet addressed to the node has four steps: Receiving FBE
→ Sending ACK →
Receiving PACKET
→ Sending ACK. For receiving a data packet addressed to another node in the
network, the packet is stored in the relevant page without sending an ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com