Electronic Components Datasheet Search
  English  ▼

X  

STIB1560DM2T-L Datasheet(PDF) 6 Page - STMicroelectronics

Part # STIB1560DM2T-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIB1560DM2T-L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STIB1560DM2T-L Datasheet HTML 2Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 3Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 4Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 5Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 6Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 7Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 8Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 9Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
3
Electrical characteristics
TJ = 25 °C unless otherwise noted.
3.1
Inverter part
Table 6. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDSS
Zero gate voltage drain current
VDS = 600 V, VCC = Vboot = 15 V
100
μA
V(BR)DSS
Drain-source breakdown voltage
VCC = Vboot = 15 V,
VIN(1) = 0 V, ID = 1 mA
600
V
RDS(on)
Static drain-source turn-on
resistance
VCC = Vboot = 15 V, VIN(1) = 0 to 5 V,
ID = 1.5 A
0.13
Ω
VCC = Vboot = 15 V, VIN(1) = 0 to 5 V,
ID = 15 A
0.15
0.17
VSD
Drain-source diode forward
voltage
VIN(1) = 0 V, ID = 15 A
0.98
1.36
V
1. Applied among HINx, LINx and GND for x = U, V, W.
Table 7. Inductive load switching time and energy
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ton(1)
Turn-on time
VDD = 300 V, VCC = Vboot = 15 V,
VIN(2) = 0 to 5 V, ID = 15 A
-
690
-
ns
tc(on)(1)
Cross-over time on
-
210
-
toff(1)
Turn-off time
-
1100
-
tc(off)(1)
Cross-over time off
-
77
-
trr
Reverse recovery time
-
230
-
Eon
Turn-on switching energy
-
750
-
µJ
Eoff
Turn-off switching energy
-
115
-
Err
Reverse recovery energy
-
14
-
1. ton and toff include the propagation delay time of the internal drive. tC(on) and tC(off) are the switching times of the MOSFET
itself under the internally given gate driving condition.
2. Applied among HINx, LINx and GND for x = U, V, W.
STIB1560DM2T-L
Electrical characteristics
DS12125 - Rev 3
page 6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com