Electronic Components Datasheet Search
  English  ▼

X  

STIPNS2M50-H Datasheet(PDF) 4 Page - STMicroelectronics

Part # STIPNS2M50-H
Description  SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPNS2M50-H Datasheet(HTML) 4 Page - STMicroelectronics

  STIPNS2M50-H Datasheet HTML 1Page - STMicroelectronics STIPNS2M50-H Datasheet HTML 2Page - STMicroelectronics STIPNS2M50-H Datasheet HTML 3Page - STMicroelectronics STIPNS2M50-H Datasheet HTML 4Page - STMicroelectronics STIPNS2M50-H Datasheet HTML 5Page - STMicroelectronics STIPNS2M50-H Datasheet HTML 6Page - STMicroelectronics STIPNS2M50-H Datasheet HTML 7Page - STMicroelectronics STIPNS2M50-H Datasheet HTML 8Page - STMicroelectronics STIPNS2M50-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Figure 2. Pin layout (top view)
(*)
(*)
(*) Dummy pin internally connected to P (positive DC input).
PIN #1 ID
STIPNS2M50-H
Internal schematic diagram and pin configuration
DS12104 - Rev 3
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com