Electronic Components Datasheet Search
  English  ▼

X  

UTCTL431L Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCTL431L
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTL431L Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCTL431L Datasheet HTML 1Page - Unisonic Technologies UTCTL431L Datasheet HTML 2Page - Unisonic Technologies UTCTL431L Datasheet HTML 3Page - Unisonic Technologies UTCTL431L Datasheet HTML 4Page - Unisonic Technologies UTCTL431L Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTCTL431L
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R103-014,D
PROGRAMMABLE PRECISION
REFERENCE
DESCRIPTION
The UTC TL431L is a three-terminal adjustable regulator
with
a
guaranteed
thermal
stability
over
applicable
temperature ranges. The output voltage may be set to any
value between Vref(approximately 2.5V) and 20V with two
external resistors. It provides very wide applications,
including
shunt
regulator,
series
regulator,
switching
regulator, voltage reference and others.
FEATURES
*Programmable output Voltage to 20V.
*Low dynamic output impedance 0.2
Ω
.
*Sink current capability of 1.0 to 100mA.
*Equivalent full-range temperature coefficient of 50ppm/
°C
typical for operation over full rated operating temperature
range.
TO-92
1
SOP-8
SOT-89
1
1
SOT-25
SOT-23
1
3
2
2
3
5
4
MSOP-8
SOP-8 1: Cathode;
2,3,6,7: Anode
8: Ref. ; 4,5: N/C
MSOP-8 1: Cathode ; 6: Anode ; 8: Ref.
2,3,4,5,7: N/C
TO-92 1: Ref. ; 2: Anode ; 3: Cathode
SOT-89 1: Ref. ; 2: Anode ; 3: Cathode
SOT-23 1: Cathode; 2: Ref. ; 3: Anode
SOT-25 1,2: N/C; 3: Cathode; 4: Ref.; 5: Anode
BLOCK DIAGRAM
2.5V Vref
CATHODE
ANODE
REFERENCE
CATHODE
(K)
ANODE(A)
REFERENCE
(R)


Similar Part No. - UTCTL431L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTL431A UTC-UTCTL431A Datasheet
158Kb / 5P
LINEAR INTEGRATED CIRCUIT PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - UTCTL431L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com