Electronic Components Datasheet Search
  English  ▼

X  

LM94021 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94021
Description  Multi-Gain Analog Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94021 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM94021 Datasheet HTML 5Page - National Semiconductor (TI) LM94021 Datasheet HTML 6Page - National Semiconductor (TI) LM94021 Datasheet HTML 7Page - National Semiconductor (TI) LM94021 Datasheet HTML 8Page - National Semiconductor (TI) LM94021 Datasheet HTML 9Page - National Semiconductor (TI) LM94021 Datasheet HTML 10Page - National Semiconductor (TI) LM94021 Datasheet HTML 11Page - National Semiconductor (TI) LM94021 Datasheet HTML 12Page - National Semiconductor (TI) LM94021 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
6.0 Selectable Gain for
Optimization and In Situ Testing
The Gain Select digital inputs can be tied to the rails or can
be driven from digital outputs such as microcontroller GPIO
pins. In low-supply voltage applications, the ability to reduce
the gain to -5.5 mV/˚C allows the LM94021 to operate over
the full -50 ˚C to 150 ˚C range. When a larger supply voltage
is present, the gain can be increased as high as -13.6
mV/˚C. The larger gain is optimal for reducing the effects of
noise (for example, noise coupling on the output line or
quantization noise induced by an analog-to-digital converter
which may be sampling the LM94021 output).
Another application advantage of the digitally selectable gain
is the ability to perform dynamic testing of the LM94021
while it is running in a system. By toggling the logic levels of
the gain select pins and monitoring the resultant change in
the output voltage level, the host system can verify the
functionality of the LM94021.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com