Electronic Components Datasheet Search
  English  ▼

X  

A6387DTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # A6387DTR
Description  High voltage high- and low-side driver for automotive applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6387DTR Datasheet(HTML) 5 Page - STMicroelectronics

  A6387DTR Datasheet HTML 1Page - STMicroelectronics A6387DTR Datasheet HTML 2Page - STMicroelectronics A6387DTR Datasheet HTML 3Page - STMicroelectronics A6387DTR Datasheet HTML 4Page - STMicroelectronics A6387DTR Datasheet HTML 5Page - STMicroelectronics A6387DTR Datasheet HTML 6Page - STMicroelectronics A6387DTR Datasheet HTML 7Page - STMicroelectronics A6387DTR Datasheet HTML 8Page - STMicroelectronics A6387DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID023386 Rev 5
5/14
A6387
Electrical characteristics
14
3
Electrical characteristics
3.1
AC operation
VCC = 15 V; TJ = -40 °C ÷ 125 °C, unless otherwise specified.
Figure 3. Timing of input/output signals; turn-on/off propagation delays
Table 5. AC operation electrical characteristics
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
ton
1 vs. 5
2 vs. 7
High/low-side driver turn-on
propagation delay
Vout = 0 V
Vboot = VCC
CL = 1 nF
40
120
240
ns
toff
1 vs. 5
2 vs. 7
High/low-side driver turn-off
propagation delay
40
110
210
ns
tr
5, 7
Rise time
CL = 1 nF
50
100
ns
tf
5, 7
Fall time
30
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com