Electronic Components Datasheet Search
  English  ▼

X  

STPS560SFY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS560SFY
Description  Automotive 60 V, 5 A power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS560SFY Datasheet(HTML) 1 Page - STMicroelectronics

  STPS560SFY Datasheet HTML 1Page - STMicroelectronics STPS560SFY Datasheet HTML 2Page - STMicroelectronics STPS560SFY Datasheet HTML 3Page - STMicroelectronics STPS560SFY Datasheet HTML 4Page - STMicroelectronics STPS560SFY Datasheet HTML 5Page - STMicroelectronics STPS560SFY Datasheet HTML 6Page - STMicroelectronics STPS560SFY Datasheet HTML 7Page - STMicroelectronics STPS560SFY Datasheet HTML 8Page - STMicroelectronics STPS560SFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
AEC-Q101 qualified
•
Avalanche capability specified
•
175 °C maximum junction temperature
•
VRRM guaranteed from -40 °C to 175 °C
•
Wettable flanks for automatic visual inspection
•
PPAP capable
•
ECOPACK®2 compliant component
Application
•
DC/DC converters
•
Reverse polarity protection
•
Freewheeling diodes
•
Switching diodes
Description
The STPS560SFY power Schottky rectifier has been designed for automotive
applications.
Packaged in PSMC (TO-277A), this device provides a very low VF in a compact
package which can withstand high operating junction temperature.
Product status link
STPS560SFY
Product summary
Symbol
Value
IF(AV)
5 A
VRRM
60 V
Tj (max.)
175 °C
VF (typ.)
0.43 V
Automotive 60 V, 5 A power Schottky rectifier
STPS560SFY
Datasheet
DS12934 - Rev 1 - February 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS560SFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5045S STMICROELECTRONICS-STPS5045S Datasheet
160Kb / 7P
Power Schottky rectifier
28-Jun-2012
STPS5045SG-TR STMICROELECTRONICS-STPS5045SG-TR Datasheet
160Kb / 7P
Power Schottky rectifier
28-Jun-2012
STPS50U100C STMICROELECTRONICS-STPS50U100C Datasheet
111Kb / 8P
Ultralow forward voltage power Schottky rectifier
17-Nov-2009
STPS50U100CR STMICROELECTRONICS-STPS50U100CR Datasheet
111Kb / 8P
Ultralow forward voltage power Schottky rectifier
17-Nov-2009
STPS50U100CT STMICROELECTRONICS-STPS50U100CT Datasheet
111Kb / 8P
Ultralow forward voltage power Schottky rectifier
17-Nov-2009
More results

Similar Description - STPS560SFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS5S100SFY STMICROELECTRONICS-STPS5S100SFY Datasheet
317Kb / 9P
Automotive 100 V, 5 A low Ir power Schottky rectifier
Rev 1 - December 2020
STPS5L60SFY STMICROELECTRONICS-STPS5L60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
14-Aug-2018
STPS5L60SF STMICROELECTRONICS-STPS5L60SF Datasheet
323Kb / 9P
60 V power Schottky rectifier
July 2018 Rev 1
STPS10H60SFY STMICROELECTRONICS-STPS10H60SFY Datasheet
473Kb / 11P
Automotive 60 V low Ir power Schottky rectifier
06-Aug-2018
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
396Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
logo
Nexperia B.V. All right...
PMEG060V050EPE-Q NEXPERIA-PMEG060V050EPE-Q Datasheet
257Kb / 11P
60 V, 5 A low VF Schottky barrier rectifier
19 July 2022
PMEG060V050EPE NEXPERIA-PMEG060V050EPE Datasheet
257Kb / 11P
60 V, 5 A low VF Schottky barrier rectifier
19 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com