Electronic Components Datasheet Search
  English  ▼

X  

CC1F Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # CC1F
Description  SM Crystal Mil Temp High Freq Fundamental
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

CC1F Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  CC1F Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal Mil Temp High Freq Fundamental
CC1F
19 May 2004
ACTUAL SIZE
SOLDER PAD LAYOUT
4.20
2.30
2.30 4.00
TOP VIEW
8.10
(max)
3.80
(max)
2.70
1.20
1.20
1.50
1.75
(max)
Scale 2:1
Package type + termination + option code (if any) +
frequency
eg:
CC1F-T1A 77.760MHz 50/100/40/20 (standard)
CC1F-T1A/M 155.520MHz ±50ppm 30pF
Option code X (eg CC1F-T1A/X) denotes a custom spec.
Ordering Information
Specifications
Features
« Fundamental mode up to 250MHz
« Inverted mesa technology
« High shock & vibration resistance
« Military temperature range option
« Low power consumption
CC1F
Parameters
Product
Option
Code
Standard.
Optional - Please specify required code(s) when ordering
Available on T&R (1k or 2k pcs/reel) or trays (100pcs/tray).
Refer to our website for T&R and soldering details.
Ask about higher shock & vibration specifications.
Standard Frequencies
Fundamental in MHz
50.000000
77.760000
100.000000
106.250000
125.000000
155.520000
166.628600
200.000000
207.360000
212.500000
250.000000
Terminations:
Gold plated pads
T1A
Ni+Sn plated pads
T2A
Frequency range: 30.0 ~ 250MHz
Calibration tolerance:
±50ppm
Other
specify
Temperature stability / range:
±30ppm over -40 to +85°C
±100ppm over -55 to +125°C
M
Other
specify
Storage temperature range:
-55 to +125°C
Circuit condition:
10pF
Other
specify
Static capacitance (C0):
2.0pF typ @ 50.0MHz
2.9pF typ @ 155.52MHz
Motional capacitance (C1):
5.6fF typ @ 50.0MHz
5.6fF typ @ 155.52MHz
Equivalent series resistance:
15
typ, 50
max @ 50.0MHz
15
typ, 35
max @ 155.52MHz
Ageing:
±3ppm max first year
Drive level:
100µW max
Shock resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
Vibration resistance:
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max


Similar Part No. - CC1F

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC1F-T1A MICROCRYSTAL-CC1F-T1A Datasheet
218Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC1F-T1A MICROCRYSTAL-CC1F-T1A Datasheet
782Kb / 2P
Inverted Mesa AT Crystal 30 MHz ??250 MHz
logo
Golledge Electronics Lt...
CC1F-T1A GOLLEDGE-CC1F-T1A Datasheet
554Kb / 4P
High Frequency Fudamental Mode
logo
MICORO CRYSTAL SWITZERL...
CC1F-T1A MICROCRYSTAL-CC1F-T1A_17 Datasheet
782Kb / 2P
Inverted Mesa AT Crystal 30 MHz ??250 MHz
logo
Golledge Electronics Lt...
CC1F GOLLEDGE-CC1F_16 Datasheet
136Kb / 1P
SM Crystal High Freq Fundamental
More results

Similar Description - CC1F

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC1A GOLLEDGE-CC1A Datasheet
54Kb / 1P
SM Crystal Mil Temp
CC1V GOLLEDGE-CC1V Datasheet
60Kb / 1P
SM Crystal Mil Temp Low Freq
CC6F GOLLEDGE-CC6F Datasheet
53Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
SM Crystal High Frequency Fundamental
CC5V GOLLEDGE-CC5V_06 Datasheet
56Kb / 1P
SM Watch Crystal Mil Temp
CC6F GOLLEDGE-CC6F_06 Datasheet
55Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
CC7V GOLLEDGE-CC7V_06 Datasheet
55Kb / 1P
SM Watch Crystal Mil Temp
CC1F GOLLEDGE-CC1F_16 Datasheet
136Kb / 1P
SM Crystal High Freq Fundamental
CC1V GOLLEDGE-CC1V_16 Datasheet
138Kb / 1P
SM Crystal Low Freq
CC6F GOLLEDGE-CC6F_16 Datasheet
127Kb / 1P
SM Crystal High Freq Fundamental
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com