Electronic Components Datasheet Search
  English  ▼

X  

2196 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2196
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2196 Datasheet(HTML) 1 Page - Alpha Wire

  2196 Datasheet HTML 1Page - Alpha Wire 2196 Datasheet HTML 2Page - Alpha Wire 2196 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Customer Specification
PART NO. 2196
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
1) Conductor
a) Material
Silver Plated Copper, per ASTMB-298 and CID-A-A-
59569
b) Stranding
Solid
c) Diameter
0.005"
2) Braid Data
a) Nominal ID
11/64" (0.171)
b) AWG of Ends
36
c) Number of Carriers
24
d) Nominal Percent Coverage
96
e) Total Number of Ends
168
f) Approx. Equiv. AWG
14
g) Approx. Ampacity
32 Amps
h) Federal Spec Number
AA59569R36S0171
1) DSCC-VAI A-A-59569A
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part meet the requirements of
European Directive 2011/65/EU regarding the restriction of use of certain
hazardous substances in electrical and electronic equipment.  No
Exemptions are required for RoHS Compliance on this item.  Consult Alpha
Wire's web site for RoHS C of C.


Similar Part No. - 2196

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
21960 WIHA-21960 Datasheet
54Kb / 1P
L-key with T-handle
219604 WIHA-219604 Datasheet
419Kb / 2P
Wiha T-Handle, Flag and Key Handle.
logo
Molex Electronics Ltd.
219611 MOLEX-219611 Datasheet
540Kb / 3P
WiFi6E Flexible and PCB Antennas
2022.06 Rev. 8
219611-0050 MOLEX-219611-0050 Datasheet
540Kb / 3P
WiFi6E Flexible and PCB Antennas
2022.06 Rev. 8
2196110050 MOLEX-2196110050 Datasheet
34Kb / 1P
Wi-Fi 6E Low Gain Flex Antenna, 15.40mm Width, 50.00mm Cable Length, Compatible with U.FL/ MHF Connectors
08/25/2022
More results

Similar Description - 2196

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com