Electronic Components Datasheet Search
  English  ▼

X  

5KP85A Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 5KP85A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

5KP85A Datasheet(HTML) 2 Page - DB Lectro Inc

  5KP85A Datasheet HTML 1Page - DB Lectro Inc 5KP85A Datasheet HTML 2Page - DB Lectro Inc 5KP85A Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
Plastic package
Glass passivated chip junction
Excellent clamping capability
Pepetition rate(duty cycle):0.05%
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to BV
Typical IR less than 3mA for Vbr>=10V
High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic over glass passivated junction
Mounting Position: Any
Weight: 0.07ounce, 2.1gram
SYMBOL
VALUE
UNITS
PPPM
Minimum
5000
Watts
IPPM
SEE
TABLE 1
Amps
PM(AV)
8
Watts
TJ , TSTG
-55 to +
175
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
2.Mounted on Copper Pad area of 0.8×0.8" (20×20mm) per Fig. 5.
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
5KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-5.0 TO 180 Volts
5000 watt Peak Pulse Power
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types 5KP5.0 thru types 5KP180 (e.g. 5KP5.0C , 5KP180CA)
Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
Peak Pulse Power Dissipation on 10/1000
s waveform (Note 1,FIG.1)
Peak Pulse Current of on 10/1000
s waveform (Note 1,FIG.3)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note 3)
5000W Peak Pulse Power capability on 10/1000µs waveform
Terminal: Plated Axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end (cathode) except Bipolar
Operating junction and Storage Temperature Range
Ratings at 25
ambient temperature unless otherwise specified.
Steady State Power Dissipation at TL = 75
, Lead lengths.375",(9.5mm) (Note 2)
IFSM
400
Amps
RATING
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com