Electronic Components Datasheet Search
  English  ▼

X  

PRS11R Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PRS11R
Description  PRS11R - 11 mm Rotary Metal Shaft Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PRS11R Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PRS11R Datasheet HTML 1Page - Bourns Electronic Solutions PRS11R Datasheet HTML 2Page - Bourns Electronic Solutions PRS11R Datasheet HTML 3Page - Bourns Electronic Solutions PRS11R Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRS11R - 11 mm Rotary Shaft Potentiometer
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
03/31/21
Product Dimensions
5
(.197)
5
(.197)
5
(.197)
4.4
(.173)
0.4
(.016)
0.3
(.012)
20.7
(.815)
0.75
(.030)
0.5
(.020)
6 +0/-0.1
(.236 +0/-.004)
DIA.
60 °
X
X
Y
Y
M7 x
C
1
1 2 3
2 3
1.8 +0.1/-0
(.071 +.004/-0)
2.6 +0.1/-0
(.102 +.004/-0)
5.7 +0.5/-0.2
(.224 +.020/-.008)
2.5 ± 0.1
(.098 ± .004)
7.6 ± 0.5
(.299 ± .020)
11.1 ± 0.05
(.437 ± .002)
1.0 +0.1/-0
(.039 +.004/-0)
11.7
(.461)
13
(.512)
7.5
(.295)
2.5
(.098)
DIA. HOLES
3 PLCS.
R1
L
L1
MOUNTING
SURFACE
4.5 +0.1/-0
(.177 +.004/-0)
7
(.276)
6.8
(.268)
15
(.591)
21.8
(.858)
5
(.197)
5
(.197)
5
(.197)
7
(.276)
7.5
(.295)
0.4
(.016)
0.3
(.012)
0.3
(.012)
0.75
(.030)
0.5
(.020)
6 +0/-0.1
(.236 +0/-.004)
DIA.
60 °
+10°/-5°
X
X
Y
Y
M7 x
C
1
1 2 3
4
5
2 3
4
5
1.8 +0.1/-0
(.071 +.004/-0)
2.6 +0.1/-0
(.102 +.004/-0)
0.5 +0.4/-0.3
(.020 +.016/-.012)
SWITCH TRAVEL
2.5 ± 0.1
(.098 ± .004)
11.1 ± 0.05
(.437 ± .002)
1.0 +0.1/-0
(.039 +.004/-0)
11.7
(.461)
13.1
(.516)
2.5
(.098)
DIA. HOLES
5 PLCS.
R1
MOUNTING
SURFACE
4.5 +0/-0.1
(.177 +0/-.004)
SWITCH
PRS11R-4xxF-Nxxxxx
PRS11R-4xxF-Sxxxxx
DIMENSIONS:
MM
(INCHES)
How To Order
PRS11R - 4 15 F - S103 B1
Model
Orientation
2 = PC Pins - vertical / side facing
4 = PC Pins - horizontal / rear facing
Shaft Length
15 = 15 mm 20 = 20 mm 25 = 25 mm
Shaft Style
F = Flatted
Switch Configuration
N = No Switch S = Push Momentary Switch
Resistance Code (see table)
Resistance Taper (see Taper charts)
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 885 877
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com