Electronic Components Datasheet Search
  English  ▼

X  

2CL0504 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2CL0504
Description  High voltage diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2CL0504 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2CL0504 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2CL0504 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL0504 DO-206
1/ 2
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
High voltage diodes
Reverse Voltage – 4kV
Forward Current –50mA
FEATURES
Supersmall size
High reliability
High speed switching
MECHANICAL DATA
Case: Molded Plastic Body
Epoxy meets UL 94V-0 flammability rating
Terminals: Pure tin plated leads, solderable per J-STD-
002and JESD22-B102, E3 suffix for consumer grade, meet
JESD201class 1A whisker test.
Polarity: Color band denotes cathode end
DO-206
Maximum rating (Ta=25°C unless otherwise noted)
Parameter
Symbol
2CL0504
Unit
Repetitive peak reverse voltage
VRRM
4
KV
Non-Repetitive peak reverse voltage
VRSM
4.4
KV
Average forward
current
60HZ half-sine wave,
Resistance load, Ta=25°C
IF(AV)
50
mA
Surge(Non-
repetitive)forward
current
60HZ half-sine
wave,1cycle,Ta=25°C
IFSM
3
A
Peak forward voltage IFM=10mA
VFM
7
V
Peak reverse current
VRM=VRRM
Ta=25°C
IRRM1
2
30
μA
Ta=175°C
Avalanche breakdown voltage
IRM=100uA
V(BR)
5.5
KV
Storage Temperature Range
Tstg
-65 ~ +175
°C
Virtual junction temperature
T(vj)
175
°C


Similar Part No. - 2CL0504

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
2CL0504 SIPOWER-2CL0504 Datasheet
51Kb / 2P
High Voltage Diodes for Car Ignition Systems
More results

Similar Description - 2CL0504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSHV85U ETC2-MSHV85U Datasheet
127Kb / 3P
High Voltage Diodes
logo
SUNMATE electronic Co.,...
HVM16 SUNMATE-HVM16 Datasheet
395Kb / 1P
HIGH VOLTAGE DIODES
logo
SiPower Inc.
2CL2060 SIPOWER-2CL2060 Datasheet
62Kb / 2P
High Voltage Diodes
2CL3509H SIPOWER-2CL3509H Datasheet
58Kb / 2P
High Voltage Diodes
2CL4509H SIPOWER-2CL4509H Datasheet
68Kb / 2P
High Voltage Diodes
2CL4510 SIPOWER-2CL4510 Datasheet
57Kb / 2P
High Voltage Diodes
2CLG1015 SIPOWER-2CLG1015 Datasheet
61Kb / 2P
High Voltage Diodes
2CLG3508 SIPOWER-2CLG3508 Datasheet
66Kb / 2P
High Voltage Diodes
2CLS01 SIPOWER-2CLS01 Datasheet
56Kb / 2P
High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL2050 YFWDIODE-2CL2050 Datasheet
374Kb / 2P
High voltage diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com