Electronic Components Datasheet Search
  English  ▼

X  

2CL4510 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2CL4510
Description  High voltage silicon diodes for micro-wave oven
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2CL4510 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2CL4510 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2CL4510 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL4510 DO-722
1/ 2
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
High voltage silicon diodes for micro-wave oven
Reverse Voltage – 10kV
Forward Current –450mA
FEATURES
Supersmall size
High reliability
High speed switching
MECHANICAL DATA
Case: Molded Plastic Body
Epoxy meets UL 94V-0 flammability rating
Terminals: Pure tin plated leads, solderable per J-STD-002
and JESD22-B102, E3 suffix for consumer grade, meet
JESD201class 1A whisker test.
Polarity: Color band denotes cathode end
DO-722
Maximum rating (Ta=25°C unless otherwise noted)
Notes :Cooling Requirement: Cathode terminal is fastened to radiating fin that size is more than 50mm×50mm×0.6mm
Wind-cooled velocity is more than 0.5m/s.
Parameter
Symbol
2CL4510
Unit
Repetitive peak reverse voltage
VRRM
10
KV
Average forward
current
60HZ half-sine wave,
Resistance load, Ta=25°C
IF(AV)
450
mA
Surge(Non-
repetitive)forward
current
60HZ half-sine
wave,1cycle,Ta=25°C
IFSM
30
A
Peak forward voltage
IFM=200mA
VFM
10
V
Peak reverse current VRM=VRRM
IRRM
5
μA
Avalanche breakdown
voltage
IR=100uA
V(BR)
12
KV
Storage Temperature Range
Tstg
-40 ~ +130
°C
Virtual junction temperature
T(vj)
130
°C


Similar Part No. - 2CL4510

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
2CL4510 SIPOWER-2CL4510 Datasheet
57Kb / 2P
High Voltage Diodes
More results

Similar Description - 2CL4510

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL3512 GETEDZ-2CL3512 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL4509 GETEDZ-2CL4509 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
2CL3509 YFWDIODE-2CL3509 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
High voltage silicon diodes for micro-wave oven
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
High voltage silicon diodes for micro-wave oven
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com