Electronic Components Datasheet Search
  English  ▼

X  

STPS3L60-C2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3L60-C2
Description  POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60-C2 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3L60-C2 Datasheet HTML 1Page - STMicroelectronics STPS3L60-C2 Datasheet HTML 2Page - STMicroelectronics STPS3L60-C2 Datasheet HTML 3Page - STMicroelectronics STPS3L60-C2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STPS3L60-C2
4/4
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA
DO-201AD plastic
J
A
I
D
55.9°
50.8°
H
G = D + 0.2 to 0.4 mm
EE
R0.5
R0.5
B
K
F
(G = hole in the PCB)
C
10° max
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
9.5
0.374
B
13.75
17.75 0.541
0.699
C
5.3
0.208
D
1.3
0.051
E
3.53
0.139
F
2.4
3.15
3.9
0.094 0.124 0.153
G
1.6
0.063
H
14.9
15.6 0.587
0.614
I
0.5
0.6
0.7
0.019 0.024 0.027
J
18.78
0.739
K
3.8
4.8
0.150
0.189
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS3L60-C2
STPS3L60
DO-201AD
1.12g
500
Ammopack
s
WHITE BAND INDICATES CATHODE
s
EPOXY MEETS UL94,V0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com