Electronic Components Datasheet Search
  English  ▼

X  

TLP4206G Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP4206G
Description  PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4206G Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP4206G Datasheet HTML 1Page - Toshiba Semiconductor TLP4206G Datasheet HTML 2Page - Toshiba Semiconductor TLP4206G Datasheet HTML 3Page - Toshiba Semiconductor TLP4206G Datasheet HTML 4Page - Toshiba Semiconductor TLP4206G Datasheet HTML 5Page - Toshiba Semiconductor TLP4206G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP4206G
2002-04-18
2
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta >= 25°C)
DIF/°C
-0.5
mA/°C
Peak forward current
(100
ms pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
350
V
On-state current
ION
120
mA
On-state current derating
(Ta >= 25°C)
DION/°C
-1.2
mA/°C
Junction temperature
Tj
125
°C
Operating temperature range
Topr
-40 to 85
°C
Storage temperature range
Tstg
-55 to 125
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage
(AC, 1 min, R.H. <= 60%)
(Note 1)
BVS
1500
Vrms
Note 1: Device considered a two-terminal device: LED side pins shorted together, and DETECTOR side pins
shorted together.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
¾
¾
280
V
Forward current
IF
5
¾
25
mA
On-state current
ION
¾
¾
120
mA
Operating temperature
Topr
-20
¾
65
°C
Individual Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
¾
¾
10
mA
Capacitance
CT
V
= 0, f = 1 MHz
¾
30
¾
pF
Off-state current
IOFF
VOFF = 350 V, IF = 5 mA
¾
¾
1
mA
Capacitance
COFF
V
= 0, f = 1 MHz, IF = 5 mA
¾
65
¾
pF
Coupled Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFC
IOFF = 10 mA
¾
1
3
mA
Return LED current
IFT
ION = 120 mA
0.1
¾
¾
mA
On-state resistance
RON
ION = 120 mA
¾
15
25
W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com