Electronic Components Datasheet Search
  English  ▼

X  

ZXTP2013G Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTP2013G
Description  100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP2013G Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTP2013G Datasheet HTML 1Page - Zetex Semiconductors ZXTP2013G Datasheet HTML 2Page - Zetex Semiconductors ZXTP2013G Datasheet HTML 3Page - Zetex Semiconductors ZXTP2013G Datasheet HTML 4Page - Zetex Semiconductors ZXTP2013G Datasheet HTML 5Page - Zetex Semiconductors ZXTP2013G Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = -100V : RSAT = 60m ; IC = -5A
DESCRIPTION
Packaged in the SOT223 outline this new low saturation 100V PNP transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
• 5 amps continuous current
• Up to 10 amps peak current
• Very low saturation voltages
APPLICATIONS
• Motor driving
• Line switching
• High side switches
• Subscriber line interface cards (SLIC)
DEVICE MARKING
ZXTP
2013
ZXTP2013G
ISSUE 1 - JUNE 2005
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
SOT223
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTP2013GTA
7”
12mm
embossed
1,000 units
ZXTP2013GTC
13”
4,000 units
ORDERING INFORMATION
PINOUT
TOP VIEW
SOT223


Similar Part No. - ZXTP2013G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2013G DIODES-ZXTP2013G Datasheet
130Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
JUNE 2005
ZXTP2013GTA DIODES-ZXTP2013GTA Datasheet
130Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
JUNE 2005
ZXTP2013GTC DIODES-ZXTP2013GTC Datasheet
130Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
JUNE 2005
ZXTP2013G DIODES-ZXTP2013G_15 Datasheet
419Kb / 7P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 3
More results

Similar Description - ZXTP2013G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T953G ZETEX-ZX5T953G Datasheet
125Kb / 6P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
ZXTP2013G DIODES-ZXTP2013G_15 Datasheet
419Kb / 7P
100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com