Electronic Components Datasheet Search
  English  ▼

X  

DHT11 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DHT11
Description  DHT11 Humidity & Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DHT11 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  DHT11 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page | 8
Figure 5 Data "1" Indication
If the response signal from DHT is always at high-voltage-level, it suggests that DHT is not
responding properly and please check the connection. When the last bit data is transmitted,
DHT11 pulls down the voltage level and keeps it for 50us. Then the Single-Bus voltage will be
pulled up by the resistor to set it back to the free status.
6. Electrical Characteristics
VDD=5V, T = 25℃ (unless otherwise stated)
Note: Sampling period at intervals should be no less than 1 second.
7. Attentions of application
(1) Operating conditions
Applying the DHT11 sensor beyond its working range stated in this datasheet can result in 3%RH
signal shift/discrepancy. The DHT11 sensor can recover to the calibrated status gradually when
it gets back to the normal operating condition and works within its range. Please refer to (3) of
Conditions
Minimum
Typical
Maximum
Power Supply
DC
3V
5V
5.5V
Current
Supply
Measuring
0.5mA
2.5mA
Average
0.2mA
1mA
Standby
100uA
150uA
Sampling
period
Second
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com