Electronic Components Datasheet Search
  English  ▼

X  

MAX9552 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9552
Description  High-Current VCOM Drive Buffers for TFT LCDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9552 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9552 Datasheet HTML 1Page - Maxim Integrated Products MAX9552 Datasheet HTML 2Page - Maxim Integrated Products MAX9552 Datasheet HTML 3Page - Maxim Integrated Products MAX9552 Datasheet HTML 4Page - Maxim Integrated Products MAX9552 Datasheet HTML 5Page - Maxim Integrated Products MAX9552 Datasheet HTML 6Page - Maxim Integrated Products MAX9552 Datasheet HTML 7Page - Maxim Integrated Products MAX9552 Datasheet HTML 8Page - Maxim Integrated Products MAX9552 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Current VCOM Drive Buffers
for TFT LCDs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 16V, GND = 0V, VCM = VOUT = VDD / 2, CL = 1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to GND) ................................-0.3V to +22V
Any Other Pin to GND ................................-0.3V to (VDD + 0.3V)
IN+/IN- (current) ...............................................................±20mA
OUT, OUT_ (current)................................................................1A
Continuous Power Dissipation (TA = +70°C)
5-Pin Thin SOT23 (derate 9.5mW/°C above +70°C) ....727mW
8-Pin µMAX (derate 10.3mW/°C above +70°C) ........824.7mW
14-Pin TSSOP (derate 20.8mW/°C above +70°C) .....1667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage Range
VDD
Inferred from PSRR test and transient
load test
720
V
Quiescent Current
ICC
Per channel
2
4
mA
Low Output Voltage
VOL
IL = -4mA
0.04
0.1
V
High Output Voltage
VOH
IH = +4mA
VDD - 0.04
VDD - 0.1
V
Input Offset Voltage
VOS
-10
+1
+10
mV
Input Bias Current
IB
0.01
1
µA
Input Resistance
RIN
1
M
Ω
Common-Mode Input Voltage
CMVR
Inferred from CMRR
2
VDD - 2
V
Common-Mode Rejection Ratio
CMRR
2V
≤ VIN ≤ (VDD - 2V)
80
96
dB
Power-Supply Rejection Ratio
PSRR
VOUT = 3.5V, VDD = 7V to 16V
80
96
dB
Continuous Output Current
IO
VDD = 7V, VOUT = 3.5V, guaranteed by
load, regulation test
55
mA
IOUT = 0mA to 50mA
6
13
Output Load Regulation
LR1
IOUT = 0mA to -50mA
6
13
mV
IOUT = 0mA to -55mA
6.5
15
Output Load Regulation
LR2
VDD = 7V,
VOUT = 3.5V
IOUT = 0mA to 55mA
6.5
15
mV
Thermal Shutdown
+160
°C
Thermal Hysteresis
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com