Electronic Components Datasheet Search
  English  ▼

X  

PI3V312LE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI3V312LE
Description  Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V312LE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3V312LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
PS8754A
11/02/04
PI3V312
Low On-Resistance, 3.3V High-Bandwidth
4-Port, 2:1 Mux/DeMux VideoSwitch
Ordering Information
Ordering Code
Packaging Code
Package Description
PI3V312Q
Q
150-mil, 16-pin QSOP
PI3V312QE
Q
Pb-free & Green, 150-mil, 16-pin QSOP
PI3V312L
L
173-mil, 16-pin TSSOP
PI3V312LE
L
Pb-free & Green, 173-mil, 16-pin TSSOP
PI3V312ZHE
ZH
Pb-free & Green, 20-contact TQFN
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Notes:
1.
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2.
Number of Transistors = TBD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com