Electronic Components Datasheet Search
  English  ▼

X  

VBE20 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VBE20
Description  Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBE20 Datasheet(HTML) 1 Page - IXYS Corporation

  VBE20 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 IXYS All rights reserved
1 - 1
Single Phase
Rectifier Bridge
with Fast Recovery Epitaxial Diodes (FRED)
Symbol
Conditions
Maximum Ratings
I
dAV
T
C = 65°C, module
20
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
75
A
V
R = 0
T
VJ = TVJM
t = 10 ms (50 Hz), sine
65
A
V
R = 0
I2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
28
A2s
V
R = 0
T
VJ = TVJM
t = 10 ms (50 Hz), sine
21
A2s
V
R = 0
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2 - 2.5
Nm
(10-32UNF)
18 - 22
lb.in.
Weight
typ.
35
g
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
V
RSM
V
RRM
Type
VV
2000
2000
VBE 20-20NO1
Features
q
Package with DCB ceramic base plate
q
Isolation voltage 3600 V~
q
Planar passivated chips
q
Leads suitable for PC board soldering
q
Creeping and creepage-distance
fulfil UL 508/CSA 22.2NO14 and
VDE 0160 requirements
q
Epoxy meets UL94V-O
q
UL listing applied for
Applications
q
Supplies for DC power equipment
q
Input rectifiers for PWM inverter
q
Output filter for PWM inverter
Advantages
q
Reduced EMI/RFI
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
Dimensions in mm (1 mm = 0.0394")
VBE 20
I
dAV
= 20 A
V
RRM = 2000 V
t
rr
= 70 ns
Symbol
Conditions
Characteristic Values
typ.
max
I
R
V
R
= V
RRM
T
VJ = 25°C
0.75
mA
V
R
= 0.8 V
RRM
T
VJ = 125°C
4
7
mA
V
F
I
F
= 12 A
T
VJ = 25°C
5.41
V
V
T0
For power-loss calculations only
3.3
V
r
T
93
m
W
R
thJC
per diode,
DC
1.7
K/W
R
thCH
0.3
K/W
I
RM
I
F = 12 A, -diF/dt = 100 A/ms
9
12
A
V
R = 540 V, L £ 0.05 mH, TVJ = 100°C
t
rr
I
F = 1 A; -di/dt = 100 A/ms; VR = 30 V, TVJ = 25°C
70
90
ns
d
S
Creeping distance on surface
12.7
mm
d
A
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
1
5
10
6
5
1
10
6


Similar Part No. - VBE20

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBE2101M VBSEMI-VBE2101M Datasheet
640Kb / 8P
P-Channel 100 V (D-S) MOSFET
VBE2102M VBSEMI-VBE2102M Datasheet
678Kb / 9P
P-Channel 100 V (D-S) MOSFET
VBE2102M VBSEMI-VBE2102M Datasheet
686Kb / 9P
P-Channel 100 V (D-S) MOSFET
VBE2102M VBSEMI-VBE2102M_V01 Datasheet
686Kb / 9P
P-Channel 100 V (D-S) MOSFET
VBE2102N VBSEMI-VBE2102N Datasheet
619Kb / 7P
P-Channel 100-V (D-S) 175 °C MOSFET
More results

Similar Description - VBE20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
L566 IXYS-L566 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE75-12NO7 IXYS-VUE75-12NO7 Datasheet
186Kb / 2P
ECO-PAC Threee Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE35-06NO7 IXYS-VUE35-06NO7 Datasheet
186Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE26-12NO7 IXYS-VBE26-12NO7 Datasheet
188Kb / 2P
ECO-PAC TM Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODE (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Powersem GmbH
PSB71F06 POWERSEM-PSB71F06 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com