Electronic Components Datasheet Search
  English  ▼

X  

M66236 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M66236
Description  STANDARD CLOCK GENERATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66236 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M66236 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66236 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66236 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66236 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66236 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
MITSUBISHI
〈DIGITAL ASSP〉
M66236FP
STANDARD CLOCK GENERATOR
Max
±5
tLp + 50
tLp + 50
tLp + 50
tLp + 50
40
40
2tp + 10
40
30
70
Min
2tp – 10
30
Limits
Test conditions
CL=15pF
Parameter
Synchronizing precision (jitter)
Sync clock output start time
Sync clock inverted output start time
1/2 divider sync clock output start time
1/2 divider sync clock inverted output start time
One-shot pulse output start time
Continuous clock output start time
Sync clock output stop time
Sync clock inverted output stop time
1/2 divider sync clock output stop time
1/2 divider sync clock inverted output stop time
One-shot pulse output width
Sync clock-Input clock switching time
Input clock-Sync clock switching time
Sync clock output duty
Sync clock inverted output duty
Symbol
∆t
tss(CKO)
tss(CKO)
tss(CKO/2)
tss(CKO/2)
tss(PULSE)
tss(CNTCK)
tsp(CKO)
tsp(CKO)
tsp(CKO/2)
tsp(CKO/2)
tw(PULSE)
tCH
tCL
fODUTY(CKO)
fODUTY(CKO)
SWITCHING CHARACTERISTICS (Ta = 0 ~ 70
°C, VCC = 5V ±5%, GND = 0V)
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
%
%
Typ
TIMING DIAGRAM
TEST CIRCUIT
PG
DUT
VCC
CL
50
Ω
INPUT
OUTPUT
•tp = 1/fIN, tLp = tp
× (100 – fDUTY)/100
• Switching test waveform
Input pulse level CLK IN: 0 to VCC
TR: 0 to 3V
Input pulse rise time: 3ns
Input pulse fall time : 3ns
Criterial voltage
Input voltage CLK IN: VCC/2
TR: 1.3V
Output voltage: VCC/2 for all outputs
• Capacitance: CL includes stray wiring capacitance and
probe input capacitance.
CKO/2
TR
tss
tCL
CKO
CKO/2
CKO
PULSE
CNTCK
TR
1.3V
50%
50%
50%
1.3V
1.3V
tw(TR)
3.0V
0V
VOH
VOH
VOL
VOL
3.0V
CKO/2
TR
tsp
tCH
CKO
CNTCK
PULSE
1.3V
50%
50%
50%
tw(PULSE)
3.0V
0V
VOH
VOL
VOH
VOL
VOL
50%
CKO/2
CKO
VOH
0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com