Electronic Components Datasheet Search
  English  ▼

X  

IW1821 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IW1821
Description  12W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 1200V Power BJT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IW1821 Datasheet(HTML) 2 Page - Renesas Technology Corp

  IW1821 Datasheet HTML 1Page - Renesas Technology Corp IW1821 Datasheet HTML 2Page - Renesas Technology Corp IW1821 Datasheet HTML 3Page - Renesas Technology Corp IW1821 Datasheet HTML 4Page - Renesas Technology Corp IW1821 Datasheet HTML 5Page - Renesas Technology Corp IW1821 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
iW1821
Product Summary
2 of 6
Rev. 0.4 Preliminary
© 2022 Renesas Electronics
www.renesas.com
10-Feb-2022
L
N
VOUT
RTN
+
iW1821
7
8
9
4
3
2
10
1
6
5
C
C
V
SENSE
V
CC
GND
NC
I
SENSE
ASU
GND
E
+
Figure 3.1 : iW1821 Typical Application Circuit
iW1821 Output Power Table
Condition
Open Frame2
Output Power (W)1
12
Notes:
Note 1.
The output power can vary depending on the power supply system designs and operating conditions.
Note 2.
Maximum practical continuous output power measured at open frame ambient temperature of 50°C while minimum bulk
capacitor voltage is kept above 90V (test unit is placed in a non-ventilated environment).
WARNING:
The iW1821 is intended for high voltage AC/DC offline applications. Contact with live high voltage offline
circuits or improper use of components may cause lethal or life threatening injuries or property damage.
Only qualified professionals with safety training and proper precaution should operate with high voltage
offline circuits.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com