Electronic Components Datasheet Search
  English  ▼

X  

LMC200 Datasheet(PDF) 4 Page - Black Box Registered Trademark

Part # LMC200
Description  FlexPoint Modular Media Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

LMC200 Datasheet(HTML) 4 Page - Black Box Registered Trademark

  LMC200 Datasheet HTML 1Page - Black Box Registered Trademark LMC200 Datasheet HTML 2Page - Black Box Registered Trademark LMC200 Datasheet HTML 3Page - Black Box Registered Trademark LMC200 Datasheet HTML 4Page - Black Box Registered Trademark LMC200 Datasheet HTML 5Page - Black Box Registered Trademark LMC200 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
724-746-5500
blackbox.com
BLACK BOX®
4 of 6
05/14/2010
#24868
miles (50 km). The converters comply with IEEE 802.3 and 1000BASE-
LX/SX standards.
Mode Converters for ATM OC-3 and OC-12
Mode Converters for ATM support OC-3 or OC-12 standards
over ATM networks and the Synchronous Optical NETwork (SONET).
They’re perfect for extending line drops in large corporations,
regional and national telco switching offices, and other intercampus
telecommunication systems.
The FlexPoint OC-3 Single-Mode to Multimode Fiber Converter
provides 155-Mbps connections to extend network distances by
connecting multimode fiber networks or devices over single-mode
fiber cabling.
The FlexPoint OC-12 Single-Mode to Multimode Fiber Converter
provides 622-Mbps connections to extend network distances by
connecting multimode fiber networks or devices over single-mode
fiber cabling.
LEDs report the availability of power and the detection of devices
attached to the fiber ports.
10/100 Rate Converters
This group of rate converters connects Fast Ethernet 100BASE-FX
fiber to 10BASE-T or 100BASE-TX UTP LANs. They use autonegotiation
for full- and half-duplex operation and can handle numerous fiber
types. An override switch provides total manual control over the
10/100 operation of the UTP port and the half-/full-duplex operation
of both the fiber and UTP port.
The fiber port operates at 1300 or 1550 nm (depending on the
model) and features SC, ST, or MT-RJ connectors. Multimode models
support distances of 1.2 miles (1.9 km), and single-mode models
support up to 16.8 miles (27 km). Long-haul (LH) models support
distances of up to 34.8, 51, or 60 miles (56, 82, or 96.6 km).
These converters also feature a 1 MB store-and-forward buffer
and MAC address learning.
T1/E1 Copper to Fiber Line Drivers
FlexPoint T1/E1 Copper to Fiber Line Drivers convert coax and
twisted pair to multimode or single-mode fiber—and they extend T1/
E1 over fiber.
T1/E1 Copper to Fiber Line Drivers feature a crossover switch on
the RJ-45/RJ-48 port for easy connections to equipment. Dry relay
contacts on Pins 3 and 6 of the RJ-45 connector provide connection
to alarm equipment. The contact closes when the signal is lost on
the copper or fiber connection.
LEDs display the T1/E1 link status, diagnostic modes of operation,
and line segment errors.
The line drivers support AMI, B8ZS, and HDB3 line codes.
To install any of the converters on a DIN rail, select the DIN Rail
Mounting Kit (LMC207-DRM).
T e C h S P e C S
Power Chassis:
Indicators — LED: (1) Power
Power — LMC200: 115–230-VAC, 50–60-Hz, autosensing single power
supply;
LMC200-2PS: 115–230-VAC, 50–60-Hz, autosensing dual power supply;
LMC200A-DC: 48-VDC, single power supply;
LMC200A-2PS-DC: 48-VDC dual power supply
Size — 3"H x 19"W x 10"D (7.6 x 48.3 x 25.4 cm)
Weight — 7 lb. (3.2 kg)
5-Position Rackmounting Kit:
Size — 1.75" (1U) H x 19"W x 5"D (4.4 x 48.3 x 12.7 cm)
Weight — 2 lb. (0.9 kg)
Modules:
CE Approval — Yes
Power — 110-VAC, 60-Hz, external power supply (230-VAC,
50-Hz version on request) or from Power Chassis
Size — 1"H x 3"W x 4"D (2.5 x 7.6 x 10.2 cm)
Weight — 0.4 lb. (0.2 kg)
What’s included
Media Converter Chassis (LMC200, LMC200A-DC,
LMC200-2PS, LMC200A-2PS-DC):
✦
Chassis
✦
Power cord
✦
User’s manual
Media Converter Modules:
✦
Converter
✦
Power supply
✦
User’s manual



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com