Electronic Components Datasheet Search
  English  ▼

X  

LU1064C Datasheet(PDF) 2 Page - Lumics GmbH

Part # LU1064C
Description  LU1064C Diode Laser Up to 230 W c.w. Operating Power @ 1064 nm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH

LU1064C Datasheet(HTML) 2 Page - Lumics GmbH

  LU1064C Datasheet HTML 1Page - Lumics GmbH LU1064C Datasheet HTML 2Page - Lumics GmbH LU1064C Datasheet HTML 3Page - Lumics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical and Optical Characteristics
Typical laser specifications at 25° C *
Parameter
Conditions
Symbol
LU1064C130
LU1064C200
LU1064C230
Unit
Maximum output power (1)
c.w.
Pop
130
200
230
W
Operating current (2)
c.w.
Iop
14.5
23
26.5
A
Peak wavelength
at Iop
l
1064 ± 10
1064 ± 10
1064 ± 10
nm
Spectral width (FWHM)
at Iop
Dl
2-9
2-9
2-9
nm
Threshold current
Ith
0.75
1.8
1.8
A
Operating voltage
Vf
21
22
25
V
Conversion efficiency
45
40
35
%
Wavelength tuning vs. temperature
l
/ T
0.3
0.3
0.3
nm / K
Wavelength tuning vs. operating current
l
/ I
1
1
1
nm / A
Weight
m
1200
1200
1200
g
Thermal resistance (bottom to temp. sensor)
Rth
0.04
0.04
0.04
K/W
Output fiber (SMA905)
Core diameter of output fiber
dcore
200
400
600
µm
Numerical aperture
NA
0.22
0.22
0.22
Temperature sensor (10 kOhm)
LM35, NTC (10k) or PT100/1000 (please specify)
Power monitor
PD
5-30
5-20
5-30
mV/W
Options
Option 1: Red pilot laser
C.w. output power min. value (4)
Ppilot
1-3
1-3
1-3
mW
Peak wavelength
l
pilot
635 ± 10
635 ± 10
635 ± 10
nm
Operating voltage
5
5
5
V
Option 2: Green pilot laser
C.w. output power min. value (4)
Ppilot
1-2
1-2
1-2
mW
Peak wavelength
l
pilot
520 ± 10
520 ± 10
520 ± 10
nm
Operating voltage
8
8
8
V
Pilot power control
Ppilot_contr
0-5
0-5
0-5
V
Option 3: Water cooling base plate
Water temperature
T
<18
<18
<18
°C
Water quality
Industrial Water, no DI-water, filtered particle size <0.1mm
Minimum water flux
1.5
2
2.4
l/min
Option 4: Fiber sensor
Internal (resistive) fiber detection sensor signal voltage
12
12
V
A second fiber sensor is an external inductive sensor with three wire cable (Vcc=12V, GND, Signal 12/2V when fiber is plug/not plugged)
Notes: * taken at internal temperature sensor.
Avoid direct feedback from materials like mirrors, optics, processed material etc. back into laser module via the fiber cable by more than 10%.
(1) Power is measured ex fiber according to given fiber specifications including measures and tolerances of fiber and ferrules for uncoated fiber facets .
(2) Do not exceed maximum forward current by more than 5% above given operating current and if given by the maximum current otherwise the laser diode may be damaged.
(3) Rule of thumb: Power ex fiber decreases up to 5% (<1100nm) and up to 7% (>1400nm) every 10 °C temperature increase at internal temperature sensor. Lifetime decreases
by about factor of two every 10 °C. Required flatness of customer heat sink 0.05mm over 150mm to achieve necessary contact to the heat sink.
(4) Red and green minimum pilot power is set at factory by customer request. Standard is 1 mW.
Calculation example of necessary water temperature for 10 W output power:
Thermal load = Output power * (1/conversion efficiency - 1), Water temperature = internal temperature - thermal load * Thermal resistance
Example: Output power: 100 W, Conversion efficiency: 0.4, Thermal resistance: 0.07 K/W, Internal temperature: 25 °C
Thermal load = 100 W * (1/0.4 - 1) = 150 W, Water temperature = 25 °C - 150 W * 0.07 K/W = 15 °C, (water flux must be adjusted accordingly)
Lumics GmbH Berlin. This specification is subject to change without notice.
We manufacture diode lasers.
Member of
Group



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com