Electronic Components Datasheet Search
  English  ▼

X  

SM91076L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SM91076L
Description  SM91076L - 10/100 Base-T Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SM91076L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SM91076L Datasheet HTML 1Page - Bourns Electronic Solutions SM91076L Datasheet HTML 2Page - Bourns Electronic Solutions SM91076L Datasheet HTML 3Page - Bourns Electronic Solutions SM91076L Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM91076L 10/100 Base-T Transformer
Solder Profile
t
25 °C to Peak
ts
Preheat
tL
tp
25
TL
Tp
Time (Seconds)
RAMP-DOWN
RAMP-UP
Tsmax
Tsmin
CRITICAL
ZONE
TL to TP
Reflow Condition
Pb-free Assembly
Average Ramp-up Rate
3 °C / second max�
Preheat
Temperature Min� (Tsmin)
150 °C
Temperature Max� (Tsmax)
200 °C
Time (Tsmin to Tsmax)
60 ~ 180 seconds
Liquidus Temperature (TL)
217 °C
Time above Liquidus Temperature (tL)
60 ~ 150 seconds
Peak Temperature (Tp)
245 - 250 °C
Time within 5 °C of Actual Peak
Temperature (Tp)
20 ~ 40 seconds
Ramp-down Rate from Peak
Temperature
6 °C / second max�
Time from 25 °C to Peak Temperature
(Tp)
8 minutes max�
Do not Exceed
260 ° C
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com