Electronic Components Datasheet Search
  English  ▼

X  

3006P Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 3006P
Description  4.8횞19 Rectangular/Multiturn/Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3006P Datasheet(HTML) 1 Page - DB Lectro Inc

  3006P Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Characteristics
Standard Resistance Range................50Ω~
2MΩ
Resistance Tolerance................................±10%
Absolute Minimum Resistance.........≤1%R或
10Ω
Contact Resistance Variation.......CRV≤3%或5Ω
Insulation Resistance..............R1≥1GΩ(100Vac)
Withstand Voltage.....................................640Vac
Effective Travel................................22 turns nom
Environmental Characteristics
Power Rating, 315 volts max
.....................................0.75W@70
℃,0W@125℃
Temperature Range........................-55
℃~125℃
Temperature Coefficient...................±250ppm/
℃
Temperature Variation...........-
55
℃,30min,+125℃
........................................................30min 5cycles
..............................
△R≤5%R,△(Uab/Uac)≤5%
Vibration...........................10~
500Hz,0.75mm,6h,
..........................
△R≤2%R, △(Uab/Uac)≤3%R
Collision................................390m/s2,4000cycles,
...........................................................
△R≤2%R
Electrical Endurance at 70
℃..........0.75W@70℃
.....................1000h,
△R≤5%R,CRV≤3% or 5Ω
Rotational Life........................................200cycles
..............................
△R≤10%R,CRV≤3% or 5Ω
 
Standard Resistance Table
Resistance(Ohms)
Resistance Code
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
50,000
100,000
200,000
250,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
253
503
104
204
254
504
105
2,000,000
205
Special resistances available
How To Order
3006-----P-------103
4.8×19 Rectangular/Multiturn/Trimming Potentiometer
-- 3006P--
...
Install dimension...........................
DB LECTRO Inc.
www.dblectro.com


Similar Part No. - 3006P

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
3006P VATRONICS-3006P Datasheet
66Kb / 2P
Rectangular Multi-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3006P-1-100 BOURNS-3006P-1-100 Datasheet
115Kb / 1P
3006 - Trimpot짰 Trimming Potentiometer
3006P-1-100LF BOURNS-3006P-1-100LF Datasheet
187Kb / 1P
3006 - Trimpot Trimming Potentiometer
3006P-1-100Z BOURNS-3006P-1-100Z Datasheet
115Kb / 1P
3006 - Trimpot짰 Trimming Potentiometer
3006P-1-100ZLF BOURNS-3006P-1-100ZLF Datasheet
131Kb / 1P
Trimpot Trimming Potentiometer
More results

Similar Description - 3006P

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3266P DBLECTRO-3266P Datasheet
200Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266X DBLECTRO-3266X Datasheet
201Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266Y DBLECTRO-3266Y Datasheet
202Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266Z DBLECTRO-3266Z Datasheet
202Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3296Z DBLECTRO-3296Z Datasheet
209Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
logo
Bi technologies
78PR10KLF BITECH-78PR10KLF Datasheet
62Kb / 4P
1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
89PR10KLF BITECH-89PR10KLF Datasheet
65Kb / 5P
3/4 Rectangular Multiturn Cermet Trimming Potentiometer
89XR2K BITECH-89XR2K Datasheet
85Kb / 6P
MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
89PR10KLF BITECH-89PR10KLF_12 Datasheet
72Kb / 5P
3/4 Rectangular Multiturn Cermet Trimming Potentiometer
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com