Electronic Components Datasheet Search
  English  ▼

X  

PLT5-522FA_P Datasheet(PDF) 2 Page - OSRAM GmbH

Part # PLT5-522FA_P
Description  Metal Can® TO56
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5-522FA_P Datasheet(HTML) 2 Page - OSRAM GmbH

  PLT5-522FA_P Datasheet HTML 1Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 2Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 3Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 4Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 5Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 6Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 7Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 8Page - OSRAM GmbH PLT5-522FA_P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PLT5 522FA _P
DATASHEET
DATASHEET
2 | Version α.1 | 2022-09-15
Metal Can® TO56
PLT5 522FA_P
Green Laser Diode in TO56 Package
- Typical emission wavelength: 514 nm with narrow tolerance of
± 1 nm
- Excellent beam pointing accuracy
Applications
- Digital Diagnostic Devices
Features
- Optical output power (continuous wave): 50 mW (T
C = 25°C)
- Single mode semiconductor laser
- High modulation bandwidth
- Efficient radiation source for cw and pulsed operation
- TO56 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com