Electronic Components Datasheet Search
  English  ▼

X  

AIS2DW12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 1 Page - STMicroelectronics

  AIS2DW12 Datasheet HTML 1Page - STMicroelectronics AIS2DW12 Datasheet HTML 2Page - STMicroelectronics AIS2DW12 Datasheet HTML 3Page - STMicroelectronics AIS2DW12 Datasheet HTML 4Page - STMicroelectronics AIS2DW12 Datasheet HTML 5Page - STMicroelectronics AIS2DW12 Datasheet HTML 6Page - STMicroelectronics AIS2DW12 Datasheet HTML 7Page - STMicroelectronics AIS2DW12 Datasheet HTML 8Page - STMicroelectronics AIS2DW12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
This is information on a product in full production.
June 2019
DocID031240 Rev 4
1/60
AIS2DW12
MEMS digital output motion sensor:
ultra-low-power 3-axis accelerometer for automotive applications
Datasheet
- production data
Features
 AEC-Q100 qualified
 Supply voltage, 1.62 V to 3.6 V
 Independent IO supply and supply voltage
compatible
 Ultra-low-power mode consumption down to
380 nA @1.6 Hz
 ±2g/±4g dynamically selectable full scales
 High-speed I²C/SPI digital output interface
 2 independent programmable interrupts
 Single data conversion on demand
 16-bit data output
 Embedded temperature sensor
 Self-test
 32-level embedded FIFO
 10000 g high shock survivability
 ECOPACK, RoHS and “Green” compliant
Applications
 Car key applications
 Inclination / orientation detection
 Motion-activated functions
 Gesture recognition
 Free-fall detection
 Smart power saving
Description
The AIS2DW12 is an ultra-low-power three-axis
linear accelerometer which leverages on the
robust and mature manufacturing processes
already used for the production of micromachined
accelerometers and designed to address non-
safety automotive applications.
The AIS2DW12 has four different ultra-low-power
modes, two user-selectable full scales (
2g/4g)
and is capable of measuring accelerations with
output data rates from 1.6 Hz to 100 Hz.
The AIS2DW12 has an integrated 32-level first-in,
first-out (FIFO) buffer allowing the user to store
data in order to limit intervention by the host
processor.
The embedded self-test capability allows the user
to check the functioning of the sensor in the final
application.
The AIS2DW12 has a dedicated internal engine
to process motion and acceleration detection
including free-fall, motion and no-motion, wakeup,
activity/inactivity and 6D/4D orientation.
The AIS2DW12 is available in a small thin plastic
land grid array package (LGA) and it is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C.
LGA-12 (2x2x0.93 mm³)
Table 1. Device summary
Order codes
Temp. range
[°C]
Package Packaging
AIS2DW12
-40 to +85
LGA-12
Tray
AIS2DW12TR
-40 to +85
LGA-12
Tape and
reel
www.st.com


Similar Part No. - AIS2DW12

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
AIS20C60 ADV-AIS20C60 Datasheet
264Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS20C60B ADV-AIS20C60B Datasheet
264Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS20C60S ADV-AIS20C60S Datasheet
264Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS20C80 ADV-AIS20C80 Datasheet
264Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS20C80B ADV-AIS20C80B Datasheet
264Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
More results

Similar Description - AIS2DW12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2IH STMICROELECTRONICS-AIS2IH Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
Rev 4
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
LIS2DW STMICROELECTRONICS-LIS2DW Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis
10-Apr-2020
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com