Electronic Components Datasheet Search
  English  ▼

X  

FERD2045S Datasheet(PDF) 7 Page - STMicroelectronics

Part # FERD2045S
Description  45 V field-effect rectifier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD2045S Datasheet(HTML) 7 Page - STMicroelectronics

  FERD2045S Datasheet HTML 1Page - STMicroelectronics FERD2045S Datasheet HTML 2Page - STMicroelectronics FERD2045S Datasheet HTML 3Page - STMicroelectronics FERD2045S Datasheet HTML 4Page - STMicroelectronics FERD2045S Datasheet HTML 5Page - STMicroelectronics FERD2045S Datasheet HTML 6Page - STMicroelectronics FERD2045S Datasheet HTML 7Page - STMicroelectronics FERD2045S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FERD2045S
Ordering information
DocID031305 Rev 1
7/8
3
Ordering information
Table 6: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
FERD2045SB-TR
FERD 2045
DPAK
0.32 g
2500
Tape and reel
4
Revision history
Table 7: Document revision history
Date
Revision
Changes
15-Jan-2018
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com