Electronic Components Datasheet Search
  English  ▼

X  

FERD20L60C Datasheet(PDF) 2 Page - STMicroelectronics

Part # FERD20L60C
Description  60 V field-effect rectifier diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20L60C Datasheet(HTML) 2 Page - STMicroelectronics

  FERD20L60C Datasheet HTML 1Page - STMicroelectronics FERD20L60C Datasheet HTML 2Page - STMicroelectronics FERD20L60C Datasheet HTML 3Page - STMicroelectronics FERD20L60C Datasheet HTML 4Page - STMicroelectronics FERD20L60C Datasheet HTML 5Page - STMicroelectronics FERD20L60C Datasheet HTML 6Page - STMicroelectronics FERD20L60C Datasheet HTML 7Page - STMicroelectronics FERD20L60C Datasheet HTML 8Page - STMicroelectronics FERD20L60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
FERD20L60C
2/12
DocID030962 Rev 1
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, per diode, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current δ = 0.5,
square wave
TC = 130 °C
Per diode
10
A
Per device
20
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
140
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature (1)
+150
°C
Notes:
(1)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 3: Thermal resistance parameters
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
Per diode
2.2
°C/W
Total
1.3
Rth(c)
Coupling
0.4
Table 4: Static electrical characteristics, per diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
970
µA
Tj = 125 °C
-
30
60
mA
Tj = 125 °C
VR = 45 V
-
17
34
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 2 A
-
0.305
0.35
V
Tj = 125 °C
-
0.25
0.29
Tj = 25 °C
IF = 5 A
-
0.38
0.425
Tj = 125 °C
-
0.365
0.415
Tj = 25 °C
IF = 10 A
-
0.48
0.535
Tj = 125 °C
-
0.51
0.575
Notes:
(1)Pulse test: tp = 5 ms, δ < 2%
(2)Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.255 x IF(AV) + 0.032 x IF2(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com