Electronic Components Datasheet Search
  English  ▼

X  

FERD30H60C Datasheet(PDF) 7 Page - STMicroelectronics

Part # FERD30H60C
Description  60 V field-effect rectifier diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30H60C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button FERD30H60C Datasheet HTML 3Page - STMicroelectronics FERD30H60C Datasheet HTML 4Page - STMicroelectronics FERD30H60C Datasheet HTML 5Page - STMicroelectronics FERD30H60C Datasheet HTML 6Page - STMicroelectronics FERD30H60C Datasheet HTML 7Page - STMicroelectronics FERD30H60C Datasheet HTML 8Page - STMicroelectronics FERD30H60C Datasheet HTML 9Page - STMicroelectronics FERD30H60C Datasheet HTML 10Page - STMicroelectronics FERD30H60C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FERD30H60C
Package information
DocID030944 Rev 1
7/12
Table 5: TO-220AB package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.035
b1
1.14
1.70
0.045
0.067
c
0.48
0.70
0.019
0.028
D
15.25
15.75
0.600
0.620
E
10.00
10.40
0.394
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.195
0.203
F
0.51
0.60
0.020
0.024
J1
2.40
2.72
0.094
0.107
H1
6.20
6.60
0.244
0.256
L
13.00
14.00
0.512
0.551
L1
3.50
3.93
0.138
0.155
L20
16.40 typ.
0.646 typ.
L30
28.90 typ.
1.138
Ø P
3.75
3.85
0.148
0.156
Q
2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com