Electronic Components Datasheet Search
  English  ▼

X  

FERD30L60C Datasheet(PDF) 5 Page - STMicroelectronics

Part # FERD30L60C
Description  60 V field-effect rectifier diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30L60C Datasheet(HTML) 5 Page - STMicroelectronics

  FERD30L60C Datasheet HTML 1Page - STMicroelectronics FERD30L60C Datasheet HTML 2Page - STMicroelectronics FERD30L60C Datasheet HTML 3Page - STMicroelectronics FERD30L60C Datasheet HTML 4Page - STMicroelectronics FERD30L60C Datasheet HTML 5Page - STMicroelectronics FERD30L60C Datasheet HTML 6Page - STMicroelectronics FERD30L60C Datasheet HTML 7Page - STMicroelectronics FERD30L60C Datasheet HTML 8Page - STMicroelectronics FERD30L60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FERD30L60C
Package information
DocID030960 Rev 1
5/12
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Cooling method: by conduction (C)
Epoxy meets UL94,V0
Recommended torque value: 0.55 N·m (for TO-220AB)
Maximum torque value: 0.6 N·m (for TO-220AB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com