Electronic Components Datasheet Search
  English  ▼

X  

FERD40L60C Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD40L60C
Description  60 V field-effect rectifier diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40L60C Datasheet(HTML) 1 Page - STMicroelectronics

  FERD40L60C Datasheet HTML 1Page - STMicroelectronics FERD40L60C Datasheet HTML 2Page - STMicroelectronics FERD40L60C Datasheet HTML 3Page - STMicroelectronics FERD40L60C Datasheet HTML 4Page - STMicroelectronics FERD40L60C Datasheet HTML 5Page - STMicroelectronics FERD40L60C Datasheet HTML 6Page - STMicroelectronics FERD40L60C Datasheet HTML 7Page - STMicroelectronics FERD40L60C Datasheet HTML 8Page - STMicroelectronics FERD40L60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2017
DocID030964 Rev 1
1/12
This is information on a product in full production.
www.st.com
FERD40L60C
60 V field-effect rectifier diode
Datasheet - production data
Features
ST advanced rectifier process
Stable leakage current over reverse voltage
Reduced leakage current
Low forward voltage drop
High frequency operation
Description
The device is based on a proprietary technology
that achieves the best in class VF/IR trade-off for a
given silicon surface.
This 60 V rectifier has been optimized for use in
confined applications where both efficiency and
thermal performance are key.
This device is suitable for use in adapters and
chargers.
Table 1: Device summary
Symbol
Value
IF(AV)
2 x 20 A
VRRM
60 V
VF (typ.)
0.375 V
Tj (max.)
150 °C
TO-220AB
A1
K
A2
K
K
A2
K
A1
A2
D²PAK
A1


Similar Part No. - FERD40L60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
100 V field-effect rectifier diode
08-Apr-2016
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
276Kb / 14P
100 V, 40 A field-effect rectifier diode
06-Mar-2019
FERD40H100SFP STMICROELECTRONICS-FERD40H100SFP Datasheet
276Kb / 14P
100 V, 40 A field-effect rectifier diode
06-Mar-2019
FERD40H100SG-TR STMICROELECTRONICS-FERD40H100SG-TR Datasheet
371Kb / 12P
100 V field-effect rectifier diode
08-Apr-2016
FERD40H100SG-TR STMICROELECTRONICS-FERD40H100SG-TR Datasheet
276Kb / 14P
100 V, 40 A field-effect rectifier diode
06-Mar-2019
More results

Similar Description - FERD40L60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
100 V field-effect rectifier diode
07-Apr-2016
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
100 V field-effect rectifier diode
08-Apr-2016
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
100 V field-effect rectifier diode
09-May-2016
FERD15S50S STMICROELECTRONICS-FERD15S50S Datasheet
355Kb / 8P
50 V field-effect rectifier diode
February 2017 Rev 1
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
45 V field-effect rectifier diode
January 2018 Rev 1
FERD20H60C STMICROELECTRONICS-FERD20H60C Datasheet
402Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD20L60C STMICROELECTRONICS-FERD20L60C Datasheet
402Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD20S100S STMICROELECTRONICS-FERD20S100S Datasheet
492Kb / 12P
100 V field-effect rectifier diode
14-Nov-2017
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD30L60C STMICROELECTRONICS-FERD30L60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com