Electronic Components Datasheet Search
  English  ▼

X  

STISO621TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STISO621TR
Description  Dual channel digital isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO621TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STISO621TR Datasheet HTML 2Page - STMicroelectronics STISO621TR Datasheet HTML 3Page - STMicroelectronics STISO621TR Datasheet HTML 4Page - STMicroelectronics STISO621TR Datasheet HTML 5Page - STMicroelectronics STISO621TR Datasheet HTML 6Page - STMicroelectronics STISO621TR Datasheet HTML 7Page - STMicroelectronics STISO621TR Datasheet HTML 8Page - STMicroelectronics STISO621TR Datasheet HTML 9Page - STMicroelectronics STISO621TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
3
Isolation characteristics
Table 6. Isolation specifications
Parameter
Symbol
Conditions
Value
Unit
SO8-W
SO8-N
Clearance(Minimum external air
gap )
CLR
Measured from input terminals to output
terminals, shortest distance through air
8
4
mm
Creepage(Minimum external
tracking)
CPG
Measured from input terminals to output
terminals, shortest distance path along body
8
4
mm
Comparative Tracking Index
(Tracking resistance)
CTI
DIN IEC 112/VDE 0303 Part 1
≥ 400
≥ 400
V
Isolation Group
Material Group
(DIN VDE 0110, 1/89, Table 1)
II
II
Table 7. Isolation characteristics
Parameter
Symbol
Test Conditions
Characteristic
Unit
SO8-W
SO8-N
Maximum repetitive isolation voltage
VIORM
AC voltage (bipolar)
1200
1200
VPEAK
Maximum working isolation voltage
VIOWM
AC voltage (sine wave); time-
dependent dielectric breakdown
(TDDB) test
849
849
VRMS
Input to output test voltage (1)
VPR
Method a, type test
VPR = VIORM × 1.6, tm= 10 s
Partial discharge < 5 pC
1920
1920
VPEAK
Method b, 100 % production
test
VPR = VIORM × 1.875, tm = 1 s
Partial discharge < 5 pC
2250
2250
VPEAK
Isolation withstand voltage(2)
VISO
1min (type test)
3536 / 5000
2828 /
4000
VRMS
VPEAK
Isolation test voltage(2)
VISOtest
1sec (100% production)
6000
4800
VPEAK
Transient overvoltage
(Highest allowable overvoltage)
VIOTM
tini= 60 s
Type test
6000
4800
VPEAK
Maximum surge isolation Voltage
VIOSM
Type test
6000
4800
VPEAK
Isolation resistance
RIO
VIO = 500 V at TS
Type test
>109
>109
Ω
1. Test performed in accordance with VDE 0884-10.
2. Test performed in accordance with UL 1577.
Note:
For three-phase systems the values in the table refer to the line-to-neutral voltage.
STISO621
Isolation characteristics
DS13394 - Rev 3
page 6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com