Electronic Components Datasheet Search
  English  ▼

X  

STPS5H100AF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS5H100AF
Description  High voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5H100AF Datasheet(HTML) 6 Page - STMicroelectronics

  STPS5H100AF Datasheet HTML 1Page - STMicroelectronics STPS5H100AF Datasheet HTML 2Page - STMicroelectronics STPS5H100AF Datasheet HTML 3Page - STMicroelectronics STPS5H100AF Datasheet HTML 4Page - STMicroelectronics STPS5H100AF Datasheet HTML 5Page - STMicroelectronics STPS5H100AF Datasheet HTML 6Page - STMicroelectronics STPS5H100AF Datasheet HTML 7Page - STMicroelectronics STPS5H100AF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
STPS5H100AF
6/8
DocID029499 Rev 1
Table 5: SOD128Flat package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.93
1.03
0.037
0.041
b
1.69
1.81
0.067
0.071
c
0.10
0.22
0.004
0.009
D
2.30
2.50
0.091
0.098
E
4.60
4.80
0.181
0.189
E1
3.70
3.90
0.146
0.154
L
0.55
0.85
0.026
0.033
L1
0.30 typ.
0.012 typ.
L2
0.45 typ.
0.018 typ.
Figure 10: SOD128Flat footprint in mm (inches)



Html Pages

1 2 3 4 5 6 7 8