Electronic Components Datasheet Search
  English  ▼

X  

STPS61150CW Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS61150CW
Description  150 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS61150CW Datasheet(HTML) 3 Page - STMicroelectronics

  STPS61150CW Datasheet HTML 1Page - STMicroelectronics STPS61150CW Datasheet HTML 2Page - STMicroelectronics STPS61150CW Datasheet HTML 3Page - STMicroelectronics STPS61150CW Datasheet HTML 4Page - STMicroelectronics STPS61150CW Datasheet HTML 5Page - STMicroelectronics STPS61150CW Datasheet HTML 6Page - STMicroelectronics STPS61150CW Datasheet HTML 7Page - STMicroelectronics STPS61150CW Datasheet HTML 8Page - STMicroelectronics STPS61150CW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (per diode)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
T
δ=tp/T
tp
PF(AV)(W)
δ=0.1
δ=0.2
δ=1.0
IF(AV)(A)
δ=0.05
δ=0.5
Figure 2. Average forward current versus ambient
temperature (δ = 0.5, per diode)
0
25
50
75
100
125
150
175
I
(A)
F(AV)
T
δ=tp/T
tp
Tamb(°C)
Rth(j-a)=Rth(j-c)
Rth(j-a)=15°C/W
0
5
10
15
20
25
30
35
Figure 3. Normalized avalanche power derating versus
pulse duration (Tj= 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
t (s)
p
Z
/ R
th(j-c)
th(j-c)
Single pulse
STPS61150C
Characteristics (curves)
DS3631 - Rev 2
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com