Electronic Components Datasheet Search
  English  ▼

X  

STPSC10H065G2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC10H065G2
Description  650 V, 10 A high surge silicon carbide power Schottky diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065G2 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC10H065G2 Datasheet HTML 1Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 2Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 3Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 4Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 5Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 6Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 7Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 8Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
K
NC
A
D²PAK HV
A
K
A
Features
•
No or negligible reverse recovery
•
Switching behavior independent of temperature
•
High forward surge capability
•
Operating Tj from -40 °C to 175 °C
•
Power efficient product
•
D²PAK HV creepage distance (anode to cathode) = 5.38 mm min.
•
ECOPACK2 compliant component
Applications
•
Telecom power supply
•
Server power supply
•
Switch mode power supply
•
DCDC converters
•
LLC topologies
Description
This 10 A, 650 V SiC diode is an ultrahigh performance power Schottky diode. It is
manufactured using a silicon carbide substrate. The wide band gap material allows
the design of a Schottky diode structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and ringing patterns are negligible. The
minimal capacitive turn-off behavior is independent of temperature.
Housed in D²PAK HV, this diode is perfectly suited for a usage in PFC applications, in
charging station, DC/DC, easing the compliance to IEC-60664-1.
The STPSC10H065G2 will boost performances in hard switching conditions. Its high
forward surge capability ensures good robustness during transient phases.
Product label
Product status
STPSC10H065G2
Product summary
Symbol
Value
IF(AV)
10 A
VRRM
650 V
Tj(max.)
175 °C
VF(typ.)
1.38 V
650 V, 10 A high surge silicon carbide power Schottky diode
STPSC10H065G2
Datasheet
DS13663 - Rev 1 - March 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC10H065G2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065G-TR STMICROELECTRONICS-STPSC10H065G-TR Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC10H065G-TR STMICROELECTRONICS-STPSC10H065G-TR Datasheet
401Kb / 17P
650 V, 10 A high surge silicon carbide power Schottky diode
09-Jan-2020
STPSC10H065GY-TR STMICROELECTRONICS-STPSC10H065GY-TR Datasheet
560Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
06-Feb-2017
More results

Similar Description - STPSC10H065G2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP1065A ONSEMI-FFSP1065A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
January, 2020 ??Rev. 2
logo
STMicroelectronics
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
logo
ON Semiconductor
FFSM1065A ONSEMI-FFSM1065A Datasheet
467Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
December, 2019 ??Rev. 3
FFSP1065B-F085 ONSEMI-FFSP1065B-F085 Datasheet
279Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 3
FFSP1065B ONSEMI-FFSP1065B Datasheet
278Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 0
logo
STMicroelectronics
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSB1065B-F085 ONSEMI-FFSB1065B-F085_V01 Datasheet
331Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 3
FFSD1065B-F085 ONSEMI-FFSD1065B-F085_V01 Datasheet
396Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 5
FFSB1065A ONSEMI-FFSB1065A_V01 Datasheet
299Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
November, 2021 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com